Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-34
Conexant
100723A
Bit 4
Size
(default = 0 . Byte)
0: 8-bit access
1: 16-bit access
Bit 3,2&1 Wait states (default =0)
Bit 0
MCSn Enable. (default = 1)
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Flash Memory
Control
(FlashCtrl)
01FF880B
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
FCS1n value
for NAND
type
FCS0n value
for NAND
type
FCS1n
disable
Rst. Value
x8h
Read Value
08h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Flash Memory
Control
(FlashCtrl)
01FF880A
Write Strobe
Early Off
FCSn
NAND-type
(Not Used)
Size
Wait[2]
Wait[1]
Wait[0]
FCS0n
disable
Rst. Value
00x00000b
Read Value
00h
Bit 10
Output value of FCS1n when NAND-type memory is used. Not applicable for NOR-type memory.
Bit 9
Output value of FCS0n when NAND-type memory is used. Not applicable for NOR-type memory.
Bit 8
1= Disable FCS1n
(default = 0: Enable)
When this bit is set to 1, pin PWM2/FCS1n is used as PWM2.
Bit 7
Write Early Off strobe
(default =0)
Bit 6
NAND-type memory is used when this bit is set to 1. (default =0 . NOR type).
Bit 4
Size
(default = 0 . Byte)
0: 8-bit access
1: 16-bit access
Bit[3:1]
Wait states
(default =0)
Bit 0
1= Disable FCS0n
(default = 0: Enable)
When this bit is set to 1, pin PWM0/FCS0n is used as PWM0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com