Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 85Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-52
Conexant
100723A
4.4.2.7
External Interrupt Configuration Register
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
EIRQConfig
0x01FF802C
irq16edge
irq13edge
irq11edge
irq2edge
irq16actlo
irq13actlo
irq11actlo
irq2actlo
Rst
Value
00h
Read
Value
00h
Bit 7 – 4:
Write a 1 will configure the corresponding external interrupt to be edge
triggered and write a 0 will configure it to be level triggered.
Bit 3 – 0:
Write a 1 will configure the corresponding external interrupt to be
active low and write a 0 will configure it to be active high.
4.4.2.8
External Interrupt Clear Register
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
EIRQClear
0x01FF802D
(Not Used)
(Not Used)
irq21clr
irq10clr
eirq16clr
eirq13clr
eirq11clr
eirq2clr
Rst Value
xx000000b
Read Value
00h
Bit 3 – 0:
Firmware uses these bits to clear the corresponding edge triggered
external interrupt which is latched in the interrupt controller. After
writing a 1 to clear the interrupts, the bits reset themselves to 0.
Bit 5 – 4:
Firmware uses these bits to clear the corresponding internal timer
interrupts. After writing a 1 to clear the interrupts, the bits reset
themselves to 0.
4.4.2.9
Timer1 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Timer1
0x01FF802F
Timer 1 Value MSB
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Timer1
0x01FF802E
Timer 1 Value LSB
Rst Value
00h
Read Value
00h
Bit 15 – 0:
This is the timer value for the timer1 interrupt. This value will be
loaded in a counter when the timer interrupt bit is enabled. The value
loaded in this register is dependent on the SIUCLK frequency. This
interrupt period can be programmed up to 50 ms with a programmable
resolution. To write a new timer value into the register, the enable bit
in the IRQ/FIQ Enable register must be disabled first; the new timer
value is then written into the register and the enable bit is set to load
the new timer value into the counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com