Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
3-8
Conexant
100723A
3.3
Electrical Characteristics
Table 3-3. Digital Input Characteristics
VIL
VIH
Hysteresis
Pullup/Pulldown
Resistance
Symbol
Description
(V min.)
(V max.)
(V min.)
(V max.)
(V min.)
(K ohms)
3V
3V CMOS input
0
0.8
2.0
VDD
--
--
U3V
3V CMOS input
w/pullup
0
0.8
2.0
VDD
--
50-200
H3V
3V CMOS input
w/hysteresis
0
0.3*VDD
0.7*VDD
VDD
.5
--
HD3V
3V CMOS input
w/hysteresis and pull
down
0
0.3*VDD
0.7*VDD
VDD
.5
--
HU3V
3V CMOS input
w/hysteresis and pullup
0
0.3*VDD
0.7*VDD
VDD
.5
50-200
H5VT
5V tolerant CMOS
input w/hysteresis
0
0.3*VDD
0.7*VDD
5.25
.3
--
U5VT
5V tolerant CMOS
input w/pullup
0
0.3*VDD
0.7*VDD
5.25
--
50-200
D5VT
5V tolerant CMOS
input w/pulldown
0
0.3*VDD
0.7*VDD
5.25
--
50-200
HU5VT
5V tolerant CMOS
input w/hysteresis and
pullup
0
0.3*VDD
0.7*VDD
5.25
.3
50-200
HD5VT
5V tolerant CMOS
input w/hysteresis and
pulldown
0
0.3*VDD
0.7*VDD
5.25
.3
50-200
5VT
5V tolerant CMOS
input
0
0.8
2.0
5.25
--
--
OSC**
3V CMOS input
0
0.3*VDD
0.7*VDD
VDD
--
--
** These parameters can only be tested under low speed XIN clock.
Table 3-4. Output Characteristics
Output Type
Description
VOL
(V max)
IOL
(mA)
VOH
(V min)
IOH
(mA)
CL
(pF)
1X3V
1X CMOS Output, 3V
0.4
-2.0
2.4
2.0
1X5VT
1X CMOS Output, 5V tolerant
0.4
-2.0
2.4
2.0
1XT5VT
1X CMOS Output, tristatable, 5V tolerant
0.4
-2.0
2.4
2.0
2X3V
2X CMOS Output, 3V
0.4
-4.0
2.4
4.0
2XT3V
2X CMOS output, tristatable, 3V
0.4
-4.0
2.4
4.0
2X5VT
2X CMOS output, 5V tolerant
0.4
-4.0
2.4
4.0
2XT5VT
2X CMOS output, tristatable, 5V tolerant
0.4
-4.0
2.4
4.0
3XT3V
3X CMOS output, 3V
0.4
-8.0
2.4
8.0
3XT5VT
3X CMOS output, tristatable, 5V tolerant
0.4
-8.0
2.4
8.0
4XT5VT
4X CMOS output, tristatable, 5V tolerant
0.4
-12.0
2.4
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com