Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-3
4.1.1.3
External Memory Space
The external memory space (up to 48 M) consists of ROM, DRAM/ARAM, Flash memory, SRAM, modem, and
variable-use spaces with assigned chip selects. Most external chip selects have programmable address ranges,
start locations, wait states, and read and write strobe timing. SRAM and DRAM/ARAM chip select controls are
battery-backed up. Refer to Figure 4-1 for the MFC2000 memory map and to Figure 4-2 for the internal memory
map.
External memory spaces include the following:
ROMCSn, ROM (4 M)
(00000000h-003FFFFFh)
CS5n, general (4 M)
(00400000h-007FFFFFh)
FCS0n, NOR type Flash memory (2 M)
(00800000h-009FFFFFh)
FCS1n, NOR type Flash memory (2 M)
(00A00000h-00BFFFFFh)
Address location for generating FWRn and
FRDn for the NAND type Flash memory
(00C00000h-00C0003Fh)
(Reserved)
(00C00002h-00C1FFFFh)
MCSn, modem (128 K)
(00C20000h-00C2FFFFh)
P80_CSn
(00C30000h - 00C37FFFh)
SDAA_CSn
(00C38000h - 00C3FFFFh)
CS4n, optional general (128 K)
(00C40000h-00C5FFFFh)
CS3n, optional general (128 K)
(00C60000h-00C7FFFFh)
CS2n, optional general (512 K)
(00C80000h-00CFFFFFh)
CS1n, general (1 M)
(00D00000h-00DFFFFFh)
CS0n, SRAM or general (2 M)
(00E00000h-00FFFFFFh)
SDRAM (For internal and Countach Imaging DSP
Subsystem) (16 M)
(01000000h-01FFFFFFh)
RAS0n, DRAM or ARAM (16 M)
(02000000h-02FFFFFFh)
RAS1n, DRAM or ARAM (16 M)
(03000000h-03FFFFFFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com