Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 85Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 86Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 87Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 88Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-55
If a burst of data is sent to the DRAM, the DRAM Controller will run in page mode once the initial access is
completed. The maximum burst length is limited to 8 halfwords (i.e., the maximum burst length coincides with the
CACHE line length) and is controlled by a burst signal that is generated from the SIU. If a burst of data is being
sent to the DRAM, but an octal address boundary occurs, the burst signal will turn off causing a RASn precharge.
It is impossible to go across a page boundary without precharging the RASn signal.
Note:
If a 16-bit wide memory structure is implemented, bursts of data must be 16-bit halfword
bursts. 8-bit byte bursts are only allowed for an 8-bit wide memory structure.
Table 4-11. DRAM Wait State Configurations
Non-Interleaved Modes (8 or 16 bit interfaces)
1 Cycle CASn
30 MHz
-50, -60
3 wait state, PG = 1 wait state
2 Cycle CASn
30 MHz
-50, -60, -70, -80
3 wait state, PG = 2 wait state (read)
2 wait state, PG = 1 wait state (write)
37.5 MHz and 40 MHz
-50, -60
5 wait state, PG = 2 wait state (read)
4 wait state, PG = 1 wait state (write)
37.5 MHz
-70
5 wait state, PG = 2 wait state (read)
4 wait state, PG = 1 wait state (write)
Interleaved Mode (16-bit interface)
30 MHz
-50, -60, -70, -80
3 wait state, PG = 0,1,0 wait state (read)-Even starting
address, non octal boundary
4 wait state, PG=1,0,1 wait state (read)- Odd starting
address, non octal boundary
2 wait state, PG = 1 wait state (write)
37.5 MHz and 40 MHz
-50, -60
5 wait state, PG = 0,1,0 wait state (read)
4 wait state, PG = 1 wait state (write)
37.5 MHz
-70
5 wait state, PG = 0,1,0 wait state (read)
4 wait state, PG = 1 wait state (write)
Note: PG = page mode
4.5.1.1
Memory Bank Structure
DRAM address space can be selected in 2 separate memory blocks (Bank 0: RASn[0] and CASOn[0] (8-bit) or
CASOn[1:0] (16-bit) or CASOn[1:0] and CASEn[1:0] (interleaved), Bank 1: RASn[1] and CASOn[0] (8-bit) or
CASOn[1:0] (16-bit) or CASOn[1:0] and CASEn[1:0] (interleaved). Separate control bits are provided in the
Backup Configuration register to enable and disable (default) each of the memory banks. Each bank has separate
configuration controls and the address ranges of the two memory banks is continuous around the midpoint of the
DRAM memory bank. The RASn[1] starting address is 03000000h and grows larger based on the size of the
memory. The end of the RASn[0] bank ends at 03000000h and grows smaller from that point. The memory range
is programmed through the address multiplexer selections for bank 0 and bank 1 in the DRAMCtrl register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com