Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 71Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 72Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 73Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 74Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 75Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 76Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 77Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-45
Table 4-8. Read/Write with Wait States Timing Parameters
Parameter
Symbol
Min.
Max.
Units
Address delay time
t
AD
5
20
ns
Chip select delay time
t
CSD
-
20
ns
Read delay time for the normal case and delay-on)
t
RD
5
18
ns
Write delay time (the normal case, delay-on, and early-off)
t
WD
5
12
ns
CS[4:3] delay time (gated with read or write strobe)
t
CGD
-
18
ns
Data input setup time
t
DIS
8
-
ns
Data input hold time
t
DIH
0
-
ns
Data output delay time
t
DOD
-
21
ns
Data output hold time
t
DOH
5
21
ns
Read delay time (for zero wait state)
t
R0D
5
11
ns
Write delay time (for zero wait state)
t
W0D
5
11
ns
CS[4:3] delay time (gated with read or write strobe for zero wait state)
t
CG0D
-
20
ns
Data input setup time (for zero wait state)
t
DI0S
8
-
ns
Data input hold time (for zero wait state)
t
DI0H
0
-
ns
Data output delay time (for zero wait state)
t
DO0D
-
21
ns
Data output hold time (for zero wait state)
t
DO0H
-
21
ns
2-way interleave address delay time
t
IAD
-
11
ns
ALE address setup time
t
AAD
10
ns
ALE address hold time
t
AAH
2
ns
ALE delay time
t
Iald
-
10
ns
Address setup time (read and write)
t
IAS
3
-
ns
Address hold time (read and write)
t
IAH
2
-
ns
Data hold time (write)
t
IDH
2
-
ns
Note:
SIUCLK is the internal system interface clock. These values are for SIUCLK = 30 MHz.
When S=0 in the 2-way interleave read operation, tIAD parameter is still same.
4.3.4
Firmware Operation
Caution
Only word or half-word accesses that happen on their respective boundaries are
valid. If the access is to a non-boundary address, the SIU ignores the last 2 LSBs (word access)
or 1 LSB (half word access) and reset the address to the appropriate boundaries.
For 16-bit register, writing a byte to the even address (register address) will update the lower 8-bits of the register.
Writing a byte to the odd address (register address + 1) will update the upper 8 bits of the register. BS[1:0]
indicate which byte is written. Writing a halfword to either the even or odd address will update all 16-bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com