Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 89Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 90Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 91Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 92Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 96Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-63
Note:
Power_down1 and power_down2 are output signals from the power-down detection
circuit 1 and 2.
Bit12:
Betrstn Detected
This bit indicates that a betrstn occurred. To clear this bit, a 1 must be
written to this bit.
Bit11:
This bit indicates that a power down occurred, but no lockout was set
within the 1-2 second period. The lockout timer initiated the lockenn to
create the lockout condition. Once the lockout condition occurs, if the
power down signal is high, the chip will come out of reset after a pud1
delay. To clear this bit a 1 must be written to this bit.
Bit10:
SRAM Chip Select Enable
This bit enables the SRAM chip select CSN0.
Bit 9:
Bank 1 Interface Size
This register defines whether the data bus to the bank 1 DRAMs is 8
bits wide or 16 bits wide. An 8-bit wide DRAM interface uses RASn[1]
and CASOn[0]. A 16-bit wide non-interleaved DRAM interface uses
RASn[1] and CASOn[1:0]. A 16-bit wide interleaved DRAM interface
uses RASn[1], CASEn[1:0], and CASOn[1:0].
Bit 8:
Bank 0 Interface Size
This register defines whether the data bus to the bank 0 DRAMs is 8
bits wide or 16 bits wide. An 8-bit wide DRAM interface uses RASn[0]
and CASOn[0]. A 16-bit wide non-interleaved DRAM interface uses
RASn[0] and CASOn[1:0]. A 16-bit wide interleaved DRAM interface
uses RASn[0], CASEn[1:0], and CASOn[1:0].
Bits 7-6:
DRAM Battery Backup Time
These bits control the amount of time that the DRAM controller will
spend refreshing the DRAMs when in the battery backup mode. After
reset when the CPU is being released to run, the CPU will not be able
to write data to bits 7 and 6 of the BackupConfig register immediately
since the immediate write will not take effect. The CPU must wait at
least one oscillator clock cycle before writing data into bits 7 and 6.
Bit 7
Bit 6
Battery Backup Duration:
0
0
No battery backup (default)
0
1
1-2 days
1
0
2-3 days
1
1
Infinite
Bit 5-4:
DRAM Refresh Rate
These bits are used to set up the DRAM refresh rate. See the following table:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com