Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
1-4
Conexant
100723A
MFC2000
Countach Bus System
Video/Scan
Controller
Countach Subsystem
(for Video/Scan Image
Processing)
Internal
Peripheral
Bus
SIU
External ARM
Bus
External
System
Memory
Mono and
Color CIS/
CCD
Control
Scanner In
16
NTSC/
PAL
Signal
ARM7TDMI
Cache Controller
and Memory (4KB)
DMA Controller
All logic blocks on the
internal system bus from
MFC1000
External
Local (S)DRAM
2 DMA channels
for the ARM Bus
System
12-bit
PADC
Analog
Frontend
PLL
30 MHz,
37.5 MHz,
or 40 MHz
100 MHz or
85.7 MHz
USB
IF
16
32
32
CDMAC
SDRAMC
28.224
MHz
16 or 8
External
Conexant
Video Chip
SPI
VIP
Video
/Scan
IF
Countach
Subsystem IF
ARM
Bus
IF
Countach
Bus Unit
28.224
MHz for
Modem
P1284
IF
P80
Core
Smart
DAA
IF
ARM
IPB IF
48 MHz
for USB
Figure 1-2: MFC2000 Function Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com