Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 85Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 86Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-53
4.4.2.10 Timer2 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Timer2
0x01FF8031
Timer 2 Value MSB
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Timer1
0x01FF8030
Timer 2 Value LSB
Rst Value
00h
Read Value
00h
Bit 15 – 0:
This is the timer value for the timer2 interrupt. This value will be
loaded in a counter when the timer interrupt bit is enable. The value
loaded in this register is dependent on the SIUCLK frequency. This
interrupt period can be programmed up to 50 ms with a programmable
resolution (see Table 4-10). To write new timer value into the register,
the enable bit in the IRQ/FIQ Enable register has to be disabled first;
the new timer value is then written into the register and the enable bit
is then set to load the new timer value into the counter.
The resolution of the timer1 and timer2 is dependent on SIUCLK and can be calculated as follows:
TMRCLK = (SIUCLK/B)/8 = ICLK/8 (value of B is programmable)
Table 4-10. Programmable Resolution of Timer1 and Timer2
SIUCLK (MHz)
B
ICLK (MHz)
TMRCLK (MHz)
TMRCLK (uSec)
30
3
10
1.25
0.8
30
4
7.5
0.9375
1.067
37.5
4
9.375
1.171875
0.833
40
4
10
1.25
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com