Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
3-4
Conexant
100723A
Table 3-1. Pin Description (4 of 6)
Pin Name
Pin No.
I/O
Input
Type
Output
Type
Pin Description
SLCTOUT
C3
O
-
2XT3V
PIO Returned status to PC
PE
B2
O
-
2XT3V
PIO Returned status to PC
FAULTn
B1
O
-
2XT3V
PIO Returned status to PC (active low)
PIOD[7:0]
D2,D1,C2,H4,H
3,H2,H1,G4
I/O
H5VT
2XT5VT
(Hysteresis) Driven by PC or MFC2000 and used
to send data or address depending on which mode
is used
TESTER_MODE
J2
I
HD5VT
-
(Hysteresis) For test only, It must be ‘low’ for the
normal operation
ADCREFp
Y3
I
Positive reference voltage for the scan PADC
ADCREFn
Y2
I
Negative reference voltage for the scan PADC
POWER1
Y1
I
Voltage input for power-down detection circuit 1
POWER2
W4
I
Voltage input for power-down detection circuit 2
ADGA
Y5
-
Scan PADC analog ground
ADVA
V5
-
Scan PADC analog Power
ADGD
U5
-
Scan PADC digital ground
SDAA_SPKR
V12
O
Analog telephone line monitoring output from SSD
ADCV
Y4
-
Scan PADC internal ground
SCIN
W5
I
Analog scan input signal
SENIN[2:0]
V6,W6,Y6
I
Analog sensor inputs for TADC
TCK
W3
I
HD5VT
-
(Hysteresis, Pull down) Test clock input for JTAG.
It is positive edge-triggered.
TMS
W2
I
HU5VT
-
(Hysteresis, Pull up) Test mode select input for
JTAG. Selects the next state in the TAP state
machine.
TRSTn
W1
I
HD5VT
-
(Hysteresis, Pull down) Suggestion by Lauterbach
for JTAG: connect this signal to RESETn in normal
mode and disconnect in debug mode.
TDI
V4
I
HU5VT
-
(Hysteresis, Pull up) Test data input for JTAG.
Serial data input to the JTAG shift register.
TDO
V3
O
-
1XT5VT
Test data output for JTAG. Serial data output from
the JTAG shift register.
TEST
V2
I
HD5VT
-
(Hysteresis, Pull down) For test only, It must be
‘low’ for the normal operation.
SCANMOD
J1
I
HD5VT
-
(Hysteresis, Pull down) For the scan test only, It
must be ‘low’ for normal operations.
P80_SEL
J3
I
H3V
-
P80 DSP test and DFT scan mode select, This pin
is only used for the test mode.
PLLREF_XIN
Y15
I
OSC
-
Crystal input pin for PLL
PLLREF_XOUT
W15
O
-
OSC
Crystal output pin for PLL
PLLVDD
U15
-
+3.3V digital power for PLL
PLLVSS
U16
-
+3.3V digital ground for PLL
SDDATA[15:0]
N20,P17,P18,P
19,P20,R17,R1
8,R19,R20,T17,
T18,T19,T20,U1
7,U18,U19
I/O
5VT
2XT5VT
Countach (S)DRAM data bus (16 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com