Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
4-1
4. CPU and Bus Interface
4.1
Memory Map and Chip Select Description
4.1.1
Memory Map
The ARM7TDMI Core is capable of directly accessing 4 GB of memory (A31-A0). The MFC2000 is designed to
directly access 64-MB of memory composed of internal and external memory spaces by means of the 26-bit
system address bus (A25-A0). The MFC2000 internally decodes address range 00000000H-03FFFFFFH (64 M).
Address range 01000000H-01FFFFFFH (16 M) is arranged for the internal registers/memory and external
Countach Imaging DSP Subsystem memory. Address range 00000000H-00FFFFFFH (16 M) and Address range
02000000H-03FFFFFFH (32 M) are arranged for the external device/memory use on the ARM Bus. Only
24 address lines (A23-A0) are brought out of the MFC2000 chip, and the lower half and the higher half are
multiplexed through the same 12 pins. The 16 MB address range (maximum) can be decoded externally, if
necessary. Figure 4-1 and Figure 4-2 show the MFC2000 memory map with memory type designations and
locations and provides memory segmentation into select signal ranges.
4.1.1.1
Internal Memory Space
The MFC2000 internal memory occupies 128 kB of the address range from 01FE0000h through 01FFFFFh).
Internal memory space includes the following:
Cache memory space (64 kB)
(01FE0000h-01FEFFFFh)
(Reserved space) (32 kB)
(01FF0000h-01FF7FFFh)
Internal register space (4 kB)
(01FF8000h-01FF8FFFh)
Internal RAM space (28 kB)
(01FF9000h-01FFFFFFh)
The cache memory space includes the following:
1.
The cache memory (4096 bytes)
(01FE0000h-01FE0FFFh)
2.
The Tag memory (4096 bytes)
(01FE1000h-01FE1FFFh)
3.
(Reserved) (56 kB)
(01FE2000h-01FEFFFFh)
The internal register address range consists of 3 sections:
1.
The first (lowest) section (01FF8000h to 01FF87FFh, 2 kB), is reserved for operational registers, i.e., those
that are modified during normal operation, but which are not intended to require firmware initialization after
reset.
2.
The second section (01FF8800h to 01FF8DFFh, 1.5 kB) contains the setup registers, i.e., those that are
generally written only once for system initialization after reset.
3.
The third section (01FF8E00h to 01FF8FFFh, 512 bytes) is reserved for testing purposes.
Note:
All internal register accesses are two CPUCLK-cycle operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com