Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
3-5
Table 3-1. Pin Description (5 of 6)
Pin Name
Pin No.
I/O
Input
Type
Output
Type
Pin Description
SDADDR[12:0]
V20,W20,Y20,
W19,Y19,W18,
Y18,W17,Y17,V
16,W16,Y16,V1
5
O
-
2XT3V
Countach (S)DRAM address bus (13 pins)
SDCASn
U20
O
-
2XT3V
Countach (S)DRAM column address strobe (active
low)
SDRASn
V19
O
-
2XT3V
Countach (S)DRAM row address strobe (active
low)
SDWRn
V18
O
-
2XT3V
Countach (S)DRAM write strobe (active low)
SDCSn
V17
O
-
2XT3V
Countach (S)DRAM chip select
SDCLK100MHz
M19
O
5VT
2XT5VT
Countach (S)DRAM clock
USB_Dp
B8
I/O
Positive data input/output pin for USB
USB_Dn
C8
I/O
Negative data input/output pin for USB
SDAA_PWRCLK
E1
I/O
Positive power/clock output from SSD
SDAA_PWRCLKn
E2
I/O
Negative power/clock output from SSD
SDAA_DIBp
E4
I/O
Positive data input/output pin for SDAA
SDAA_DIBn
E3
I/O
Negative data input/output pin for SDAA
EV_VD[0]/EADC_D[4]/ MREQn
W12
I/O
3V
2XT3V
External video data [0] input for VIP or external
ADC data [4] input or Memory Request (active
low)-indicates that the following cycle is a memory
access.
EV_VD[1]/EADC_D[5]
U12
I/O
3V
2XT3V
External video data [1] input for VIP or external
ADC data [5] input
EV_VD[2]/EADC_D[6]/ OPCn
Y13
I/O
3V
2XT3V
External video data [2] input for VIP or external
ADC data [6] input or Op Code fetch (active low)-
LOW indicates that the processor is fetching an
instruction from memory.
EV_VD[3]/EADC_D[7]
W13
I/O
3V
2XT3V
External video data [3] input for VIP or external
ADC data [7] input
EV_VD[4]/EADC_D[8]/ MAS[0]
U13
I/O
3V
2XT3V
External video data [4] input for VIP or external
ADC data [8] input or Memory access size
MAS[1:0]: 00 - byte, 01 - halfword, 10 - word, 11 -
Reserved during the normal operation
EV_VD[5]/EADC_D[9]/ MAS[1]
Y14
I/O
3V
2XT3V
External video data [5] input for VIP or external
ADC data [9] input or Memory access size
MAS[1:0]: 00 - byte, 01 - halfword, 10 - word, 11 -
Reserved during the normal operation
EV_VD[6]/EADC_D[10]
W14
I/O
3V
2XT3V
External video data [6] input for VIP or external
ADC data [10] input
EV_VD[7]/EADC_D11]/
ABORT
V14
I/O
3V
2XT3V
External video data [7] input for VIP or external
ADC data [11] input or aborted bus cycle-the
address selected is outside of CS’s address
ranges.
EV_CLK
V13
I
H3V
-
(Hysteresis) External video clock input
W_Rn
N19
O
D5VT
2XT5VT
(Pull down) The bus access is a read operation
when W_Rn is LOW and write when W_Rn is
HIGH.
XAKn
N18
O
U5VT
2XT5VT
(Pull up) SIU Transaction Acknowledge. The
D[15:0] data will be transferred during this MCLK
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com