Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-35
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
RotPacked
Data register
Access
Control
(RotPackCtrl)
01FF880D
(Not Used) (Not Used) (Not Used) (Not Used) (Not Used) (Not Used) (Not Used) (Not Used) Rst. Value
xxh
Read
Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RotPacked
Data register
Access
Control
(RotPackCtrl)
01FF880C
Write
Strobe
Early Off
Read/Write
Strobe
Delay
On[1]
Read/Write
Strobe
Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
01h
Read
Value
01h
Bit 7
Write Early Off strobe (default =0 )
Bit[6:5]
Read/Write strobe Delay On (default = 00)
Bit 4
Size (default = 0. Byte)
0: 8-bit access
1: 16-bit access
Bit[3:1]
Wait states (default =0)
Bit 0
RotPackedData register access enable. (default = 1)
Note: This register is used to set up the access timing for the DMA read from RotPackedData
register to the external PIF device. It provides the control of wait states and RDn width when
accessing the RotPackedData.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com