Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 76Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 77Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-50
Conexant
100723A
4.4.2.2
IRQ/FIQ Event2 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
IRQFIQEvent2
0x01FF8023
(Not
Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
IRQFIQEvent2
0x01FF8022
(Not
Used)
IRQ22
irqusb
Event
Status
IRQ21
irqtimer2
Event
Status
IRQ20
irqsdaa
Event
Status
IRQ19
irqdma5
Event
Status
IRQ18
irqssif
Event
Status
IRQ17
irqsw
Event
Status
IRQ16
irqsys
Event
Status
Rst Value
x0000000b
Read Value
00h
Bit 6
Internal USB interrupt from USB block. Read only.
Bit 5
Internal timer 2 interrupt up to 50 ms. Read only.
Bit 4
Internal SmartDAA interface interrupt from SmartDAA IF block. Read
only.
Bit 3
Internal DMA channel 5 interrupt from DMA controller block. Read
only.
Bit 2
Internal SSIF from SSIF block. Read only.
Bit 1
Internal Software interrupt. When CPU writes a 1, the software
interrupt is issued. When CPU writes a 0, the software interrupt is
cleared. R/W.
Bit 0
Internal system interrupt from programmable external interrupt 16 or
power down circuit Read only.
4.4.2.3
IRQ Enable1 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
IRQEnable1
0x01FF8025
Enable
IRQ15
irqsopif
Enable
IRQ14 irqt4
Enable
IRQ13
irqext2
Enable
IRQ12
irqpio
Enable
IRQ11
irqext1
Enable
IRQ10
irqtimer1
Enable
IRQ9
irqvsc
Enable
IRQ8
irqdma10
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
IRQEnable1
0x01FF8024
Enable
IRQ7
irqbrc
Enable
IRQ6
irqdma2
Enable
IRQ5
irqsasif
Enable
IRQ4
irqvpstep
Enable
IRQ3
irqsstep
Enable
IRQ2
irqprt
Enable
IRQ1
irqcbs
Enable
IRQ0 MIRQ
Rst Value
00h
Read Value
00h
Bit 15 – 0:
When 1 will enable the corresponding interrupt and when 0 will mask
that interrupt out. R/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com