Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-4
Conexant
100723A
Table 4-1. Fixed-Location and Size Chip Selects
Chip Select
Device
ROMCSn
ROM
FCS1n/FCS0n
NAND- or NOR-type Flash Memory
CS0n
SRAM, or other
CS1n (Optional)
General Use
Optional MCSn (Optional)
External Fax Modem (optional)
CS2n
I/O Devices, or other
CS3n (Optional)
General Use
CS4n (OptionaL0
General Use
CS5n
4 MB ROM, SRAM, or other
DRAM/ARAM chip selects can also be programmed to 1 of 4 sizes (from 512 k to 16 M).
ROM Chip Select (ROMCSn)
ROMCSn selects external ROM located in 4-MB address space 00000000h-003FFFFFh, and is active for read
and write accesses. The ROMCtrl register can be used to select 0 to 7 (default) wait states, and 0 or 1 (default)
read and write strobe on delays. For customers that choose to use NOR-type flash memory in the ROM address
area, the write operation is also allowed in the ROM address area.
Chip Select 5 (CS5n)
CS5n is an active Read/Write select signal for the 4 MB address range (00400000h to 007FFFFFh) directly below
the ROMCSn address range. The CS5Ctrl register can be used to select 0 to 7 (default) wait states, and 0 or 1
(default) read and write strobe on delays. GPIO[7] (default) can be configured as CS5n using the GPIO[7]/CS5n
bit of the GPIOConfig register.
SRAM Chip Select 0 (CS0n)
CS0n is designed for use in selecting external SRAM, but can also be used for other purposes. It has 2 MB
address range (00E00000h to 00FFFFFFh). The CS0n can also be programmed for 0 (default) to 7 wait states, 0
(default) or 1 read and write strobe on delays, and normal (default) or early write strobe off times using the
CS0Ctrl register.
DRAM Chip Select (RASn[1:0], CASOn[1:0] and CASEn[1:0])
DRAM address space can be selected in 2 separate memory blocks (Bank 0: RASn[0] and Bank 1: RASn[1]).
Separate control bits are provided in the Backup Configuration register to enable and disable each of the memory
banks (Default: Bank0 is enabled and 8-bit DRAM is selected). Non-interleaved DRAM accesses and 2-way
interleaved DRAM accesses are supported. CASOn[1:0] and CASEn[1:0] are used differently for different access
modes. RASn is asserted before CASn for normal read and write operations. Also, RAS can be kept active and
CASn is toggled to do burst mode operations. CASn-Before-RASn refresh mode is the only refresh mode for
MFC2K (For more DRAM information, see the DRAM Controller section.)
The address ranges of the two memory banks (RAS0n and RAS1n) are continuous around the midpoint of the
DRAM memory bank. The RASn[1] starting address is 03000000h and grows larger based on the size of the
memory. The end of the RASn[0] bank ends at 03000000h and grows smaller from that point. Each bank has
separate configuration controls. The memory range is programmed through the address multiplexer selections for
bank 0 and bank 1 in the DRAMCtrl register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com