Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-33
Bit 4
Size
(default = 0. Byte)
0: 8-bit access
1: 16-bit access
Bit[3:1]
Wait states
(default =0)
Bit 0
CS1n Enable
(default = 1)
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
CS4 Control
(CS4Ctrl)
01FF880F
Write
Strobe
Early Off
Read/Write
Strobe
Delay
On[1]
Read/Write
Strobe
Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
01h
Read
Value
01h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
CS3 Control
(CS3Ctrl)
01FF880E
Write
Strobe
Early Off
Read/Write
Strobe
Delay
On[1]
Read/Write
Strobe
Delay
On[0]
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
01h
Read
Value
01h
Bit 15
Write Early Off strobe
(default =0 )
Bit[14:13] Read/Write strobe Delay On
(default = 00)
Bit 12
Size
(default = 0. Byte)
0: 8-bit access
1: 16-bit access
Bit[11:9]
Wait states
(default =0)
Bit 8
CS4n Enable
(default = 1)
Bit 7
Write Early Off strobe
(default =0)
Bit[6:5]
Read/Write strobe Delay On
(default = 00)
Bit 4
Size
(default = 0. Byte)
0: 8-bit access
1: 16-bit access
Bit[3:1]
Wait states
(default =0)
Bit 0
CS3n Enable
(default = 1)
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Modem CS
Control
(MCSCtrl)
01FF8809
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Modem
Interrupt
Select
Rst. Value
xxxxxxx0b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Modem CS
Control
(MCSCtrl)
01FF8808
Write Strobe
Early Off
Read/Write
Strobe
Delay On
(Not Used)
Size
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
00x00001b
Read Value
01h
Bit 7
Select P80 or external MIRQn interrupt ( default =0, select P80 )
Bit 7
Write Early Off strobe
(default =0 )
Bit 6
Read/Write strobe Delay On
(default = 00)
Bit 5
(Not Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com