Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-31
External Chip Select Control Registers
Associated with each external chip select pin is a register to control automatic functions that will be executed
when a location within the chip select range is accessed. All bits default to 0 unless otherwise specified.
Several control functions are common between the various chip select register.
A chip select is enable when the enable bit is set to 1.
Wait states defines the number of wait states that are added to the associated bus cycle, in increments of
SIUCLK cycle. A bus cycle is 1 SIUCLK.
Size is the width of the external devices peripherals using the chip select. The allowable widths are 8 and 16 bits.
Size are coded : 0=byte, 1 = half-word. If the size of the data is larger than the size of the peripheral, the SIU will
automatically perform multiples accesses to complete the transaction. Default to 0.
Where applicable, Strobe Delay On = 1 delays the activation of RDn or WRn by 1 clk. Write Early Off deactivates
the WRn strobe by 1 clk earlier.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
ROMCS
Control
(ROMCtrl)
01FF8803
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
ROMCS
Control
(ROMCtrl)
01FF8802
Read/Write
Strobe
Delay On
Mode[1]
(read only)
Mode[0]
(read only)
Subsequent
Wait
Wait[2]
Wait[1]
Wait[0]
Enable
Rst. Value
1??11111b
Read Value
1??11111b
Bit 7
Read/Write strobe Delay On
(default = 1)
Bits 6-5
Mode[1:0] ROM interface mode (read only). These 2 bits are read in
directly from 2 pins (the AE[2]/ROM_CFG[0] pin and the
AO[2]/ROM_CFG[1] pin during reset).
00: 8-bit Non Interleave
01: 16-bit Non interleave
10: 16-bit 2way interleave
11: 16-bit fast page mode
Bit 4
Subsequent access wait states in interleave mode (default = 1)
Bits 3-1
Wait states or initial access wait states in interleave mode (default = 7)
Bit 0
ROMCSn Enable.
(default = 1)
Note:
These controls are also applicable to the optional CS5n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com