Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-9
Table 4-2. Operation Register Map (2 of 9)
Address
Register Name
Block Name
R, DR (Dummy Read),
W, DW (Dummy Write)
01FF8072-73
BiRCInFIFO1
Bi-level Resolution Conversion
R/W
01FF8074-75
BiRCInFIFO2
Bi-level Resolution Conversion
R/W
01FF8076-77
BiRCInFIFO3
Bi-level Resolution Conversion
R/W
01FF8078-79
BiRCInHold
Bi-level Resolution Conversion
R/W
01FF807A-7B
BiRCInFIFOCtrl
Bi-level Resolution Conversion
R/W
01FF807C-7D
BiResConRatio
Bi-level Resolution Conversion
R/W
01FF807E-7F
BiResConCtrl
Bi-level Resolution Conversion
R/W
01FF8080-81
BiRCOutFIFO0
Bi-level Resolution Conversion
R/W
01FF8082-83
BiRCOutFIFO1
Bi-level Resolution Conversion
R/W
01FF8084-85
BiRCOutFIFO2
Bi-level Resolution Conversion
R/W
01FF8086-87
BiRCOutFIFO3
Bi-level Resolution Conversion
R/W
01FF8088-89
BiRCOutHold
Bi-level Resolution Conversion
R/W
01FF808A-8B
BiRCOutFIFOCtrl
Bi-level Resolution Conversion
R/W
01FF808C-8D
SinglingMask
Bi-level Resolution Conversion
R/W
01FF808E-8F
HSZeroNo
Bi-level Resolution Conversion
R/W
01FF8090-1
Sec_Min
Battery RTC
R(bit[7]), R/DW(bit[5:0])
R(bit[15]), R/DW(bit[13:8])
01FF8092-3
Hour_Day
Battery RTC
R(bit[7]), R/DW(bit[4:0])
R(bit[15]), R/DW(bit[12:8])
01FF8094-5
Month_Year
Battery RTC
R(bit[7]), R/DW(bit[3:0])
R(bit[15]), R/DW(bit[12:8])
01FF8096-7
RTCCtrl
Battery RTC
DR/DW
01FF8098-9
BackupConfig
Battery RTC
R/W
01FF809A-F
(Not Used)

01FF80A0-1
LockEnb
Prime Power Reset Logic
DW
01FF80A2-7
(Not Used)

01FF80A8-9
CPCThreshold
CPC Logic
R/W
01FF80AA-B
CPCStatCtrl
CPC Logic
R/W
01FF80AC-F
(Not Used)

01FF80B0-1
ToneGenF1
ToneGen Block
R/W
01FF80B2-3
ALTToneGen
ToneGen Block
R/W
01FF80B4-5
BellCtrl
Bell Ringer
R/W
01FF80B6-7
BellPeriod
Bell Ringer
R/W
01FF80B8-9
BellPhase
Bell Ringer
R/W
01FF80BA-B
ToneGenF2
ToneGen Block
R/W
01FF80BC-D
ToneGenSwitch
ToneGen Block
R/W
01FF80BE-F
ToneGenTotal
ToneGen Block
R/W
01FF80C0-C1
PWMCh0Ctrl
PWM Logic
R/W
01FF80C2-C3
PWMCh1Ctrl
PWM Logic
R/W
01FF80C4-C5
PWMCh2Ctrl
PWM Logic
R/W
01FF80C6-C7
PWMCh3Ctrl
PWM Logic
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com