Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 85Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 86Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 87Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 88Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 89Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-56
Conexant
100723A
4.5.1.2
Non-Interleaved DRAM Accesses
Non-interleaved DRAM accesses are available for 8-bit or 16-bit data bus. Byte access is available for both 8-bit
and 16-bit data bus and 16-bit halfword access is available for 16-bit data bus. DRAM early-write mode, normal
read mode and page mode are supported. Read-modify-write is not supported.
Note: 16-bit DRAMs must have upper and lower CAS’s in order to work with the DRAM
controller. 8-bit bursts of data will not work with a 16-bit wide memory structure.
03000000h
02000000h
04000000h
03400000h
Bank 0
Bank 1
NOTE: In this example, Bank 0 is 8M and Bank 1 is 4M.
02800000h
RASn[0]
RASn[1]
Figure 4-15. DRAM Bank/Address Map
4.5.1.3
2-way Interleaved DRAM Accesses
The two-way interleaved DRAM interface can support up to four 16-bit wide devices a maximum of 8M deep.
Bank 0 is selected with RASn[0] and bank 1 is selected with RASn[1]. CASEn[1:0], CASOn[1:0], DWRn, DOEOn,
DOEEn, ADDR, and DATA are common between the two banks. 2-way interleaving is limited to a 16-bit wide
databus. 8-bit or 16-bit wide devices can be used. The ARM CPU can write 32-bit words, 16-bit halfwords or bytes
to the memory banks. The addressing to the interleaved DRAMs starts with address bit 2. Bits 1 and 0 are used
internally to generate the proper CASOn[1:0] and CASEn[1:0] signals. When the memory structure is configured
for two-way interleaving, byte bursts are not allowed. Only bursts of 32-bit words or 16-bit halfwords are allowed.
The maximum burst length is eight 16-bit halfwords. The burst length is controlled by the DRAMBURST signal
that is sent from the SIU. The external memory structure can use the output enables directly to the memory
device or for increased speed can use external bus transceivers. Bus contention must be considered when the
output enables are tied directly to a DRAM memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com