Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 77Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 82Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 83Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 84Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-51
4.4.2.4
IRQ Enable2 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
IRQEnable2
0x01FF8027
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
IRQEnable2
0x01FF8026
(Not Used)
Enable
IRQ22
irqusb
Enable
IRQ21
irqtimer2
Enable
IRQ20
irqsdaa
Enable
IRQ19
irqdma5
Enable
IRQ18
irqssif
Enable
IRQ17
irqsw
Enable
IRQ16
irqsys
Rst Value
x0000000b
Read Value
00h
Bit 3 – 0:
When 1 will enable the corresponding interrupt and when 0 will mask
that interrupt out. R/W.
4.4.2.5
FIQ Enable1 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
FIQEnable1
0x01FF8029
Enable
IRQ15
irqsopif
Enable
IRQ14
irqt4
Enable
IRQ13
irqext2
Enable
IRQ12
irqpio
Enable
IRQ11
irqext1
Enable
IRQ10
irqtimer1
Enable
IRQ9
irqvsc
Enable IRQ8
irqdma10
Rst Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
FIQEnable1
0x01FF8028
Enable
IRQ7
irqbrc
Enable
IRQ6
irqdma2
Enable
IRQ5
irqsasif
Enable
IRQ4
irqvpstep
Enable
IRQ3
irqsstep
Enable
IRQ2 irqprt
Enable
IRQ1
irqcss
Enable
IRQ0
MIRQ
Rst Value
00h
Read Value
00h
Bit 15 – 0:
When 1 will enable the corresponding interrupt and when 0 will mask
that interrupt out. R/W.
4.4.2.6
FIQ Enable2 Register
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
FIQEnable2
0x01FF802B
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
FIQEnable2
0x01FF802A
(Not Used)
Enable
IRQ22
irqusb
Enable
IRQ21
irqtimer2
Enable
IRQ20
irqsdaa
Enable
IRQ19
irqdma5
Enable
IRQ18
irqssif
Enable
IRQ17
irqsw
Enable
IRQ16
irqsys
Rst Value
x0000000b
Read Value
00h
Bit 3 – 0:
When 1 will enable the corresponding interrupt and when 0 will mask
that interrupt out. R/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com