Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-24
Conexant
100723A
4.3
SIU
4.3.1
Functional Description
The System Integration Unit (SIU) is responsible for interfacing between the ARM7TDMI core, the Cache Memory
Controller, the Internal Peripheral Bus (IPB), and the External Bus (EB). The ARM7TDMI core and the Cache
Memory Controller are on the Internal System Bus (ISB). The ISB data bus is 32-bits wide and the IPB and EB
data buses are 16-bits wide. The SIU generates the external chip selects along with chip selects to all the internal
peripherals. It provides the following functions:
1.
Interfaces between the Internal Peripheral Bus (IPB), the Internal System Bus (ISB) and the External Bus
(EB). The SIU allows bus master devices on the IPB and ISB.
2.
Control the chip selects to devices on the IPB, the ISB, and the EB.
3.
Address multiplexing for DRAM access.
4.
ROM interleave control (including wait state control for the interleave mode): no interleave and 2-way
interleave with external Q-switch.
5.
Fast page mode ROM operation.
6.
Even though ARM7TDMI is fixed to the little endian in this MFC2000 chip, the SIU can support the little
endian or big endian for the DMA operation.
7.
Support Arm and Thumb mode operations.
4.3.1.1
IPB, ISB and External Bus
IPB Bus
The IPB Bus supports both 8-bit and 16-bit peripherals. The ARM or an internal bus master such as DMA can
access a device residing on the IPB bus.
The SIU provides the chip selects to each of the internal peripheral devices. The chip selects are driven in the
second clock cycle of an IPB bus cycle. The peripheral device needs to decode only the address lines required to
access the specific registers within the block.
Transactions on the IPB bus only occur when a device on the IPB bus is being accessed. All accesses on the IPB
bus require two peripheral bus clock cycles (2 SIUCLK’s). During the first cycle, the address is decoded and
determined if an access to an internal peripheral is occurring. During the second cycle the peripheral chip select is
asserted, and the access occurs.
During Write operations to peripherals, signals BS[1:0] are used to signal which bytes are valid on the data bus.
8-bit peripherals can ignored these signals. 16-bit peripherals MUST use these signals to allow each 8-bit half of
the peripheral registers to be written independently. This is due to the fact that the ARM compiler may generate
two byte transactions when accessing a 16-bite register on the IPB instead of a single halfword transaction.
During Read operations, the peripherals must fill the 16-bit IPB data bus. If the peripheral is less than 16-bit wide,
it should fill the empty bits with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com