Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-19
4.2
Cache Memory Controller
4.2.1
Functional Description
4.2.1.1
Cache Summary
4 kB instruction cache RAM with expansion capability
Physical address cache access and cache tags
Two Way Set Associative with LRU algorithm
16 bytes cache line size with 128 cache lines in each way
Supports both ARM and thumb mode instructions
Cache memory can be enabled or disabled
Provides lock function and flush function
Interfaces between ARM7TDMI and SIU (System Interface Unit)
4.2.1.2
Cache Overview
The Cache Controller is an instruction only cache; a level 1 cache for ARM7TDMI. The cache, when enabled, will
support zero wait state sequential instruction access from ARM provided the instruction is in the cache and valid
(Cache hit). If an instruction is not found in the cache memory (Cache miss), the Cache Controller will activate the
LRU (Least Recently Used) replacement algorithm. In this case, the ARM will incur a number of wait states
depending on the memory speed.
The 4 kB Cache Memory is divided into two Ways, which means 2 kB per Way. Each Way is further divided into
128 Cache Lines with 16 bytes of instructions in each Line. If a Cache miss is detected and Cache Line fill is
required, the Cache Controller will replace the least recently used (LRU) Cache line, the Cache Line fill operation
is done in burst (sequential), minimizing the overhead.
The ability for the software to lock the entire Cache or individual line and to flush the entire Cache Memory
contents are provided. In addition, the Cache Memory and Cache Tags can be placed in Test Mode for power-up
verification and system diagnoses. The entire Cache Memory and Cache Controller can also be disabled allowing
the ARM to bypass the Cache Controller unit.
Cache
RAM
( 2K
Bytes )
Cache Tag
(128 Sets)
a[31 : 11]
v
21 bits
1 bit
32 bits
32 bits
32 bits
32 bits
16 bytes
W0
W2
W1
W3
Way
0
Way
1
1 bit
L
1 bit
Figure 4-3. MFC2000 Cache Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com