Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 96Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 99Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-67
This example illustrates a read of two-way interleaved memory with halfword bursts of data (6 halfwords). It also
illustrates that the octal halfword boundary doesn’t occur in the middle of the burst of halfword transfers. It
assumes external drivers to minimize the data bus contention and to insure that the data has enough setup time
to CLK. This waveform also illustrates, increased RASn precharge time and increased address multiplexing time.
Byte bursts of data are not allowed when a 16-bit memory structure is used.
SIUCLK
RASn[0]
CASEn[1:0]
DWRn
ARM ADDR
SIU ADDR
EXT ADDR
a
a+4
a
ROW
+2
COL
+6
+4
COL
DATA
DOEOn
DOEEn
CASOn[1:0]
SIU P_ADDR
a
+2
+6
+4
COL
+8
+10
a+8
+8
+10
Figure 4-22. 2-Way Interleaved DRAM Read (3 words)
The timing diagram illustrates a two-way interleaved DRAM read (3 words). It assumes external drivers to
minimize the data bus contention and to insure that the data has enough setup time to CLK. This waveform also
illustrates, increased RASn precharge time and increased address multiplexing time.
SIUCLK
RASn[1]
CASEn[1:0]
DWRn
ARM ADDR
SIU ADDR
EXT ADDR
a
a+4
a+8
a
ROW
COL
a+4
a+8
COL
a+2
a+6
a+10
DATA
DOEOn
DOEEn
CASOn[1:0]
COL
Figure 4-23. 2-Way Interleaved DRAM Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com