Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
1-1
1. Introduction
1.1
Scope
This document defines and describes all hardware functions of the MFC2000 chip. The MFC2000 design is based
on the MFC1000 design with many minor modifications/enhancements. It has several new key functions to
accomplish the following:
Support a full color MFP
Enhance connectivity to the PC
Provide an internal Fax Modem
Connect to external Conexant video chips
1.2
System Overview
The Conexant Multi-Functional Peripheral Controller 2000 (MFC2000) device set hardware, core code,
application code, and evaluation system comprise a full color Multi-Functional Peripheral (MFP) system
−needing
only a power supply, scanner, printer mechanism, and paper path components to complete the machine. The
standard device set hardware includes Conexant’s MFC2000 chip, Conexant’s SmartDAA or IA chip, and a
Printer Interface chip. Optionally, a Conexant video chip with VIP interface can be used to support the video
capture function. If V.17 or V.34 faxing without voice is required, the internal V.17/V.34 Fax Modem in the
MFC2000 chip is used and the MFC2000 is connected to the external Conexant SmartDAA or IA chip. If the
voice/speech function is required, the external Voice Fax Modem device from Conexant will be needed. Any other
external interface device can be supported by using the external ARM for CPU and DMA accesses or by using
the internal serial interface. An MFP system-level block diagram using the MFC 2000 is illustrated in Figure 1-1.
MFC2000
(Conexant)
Operator
Panel
module
PC
Serial Interface (sync.)
Printer IF
(Conexant)
Color Inkjet
Printer
Scanner Interface
Color
Scanner
module
Program
ROM/Flash Memory
Data
DRAM/SRAM/Flash Memory
SPI and VIP
Interface
USB Interface
or
P1284 Interface
Prime power/
Battery power
hybrid and power
down circuit
VDD
Battery
Video Chip
(Conexant)
Video
Camera
NTSC
/PAL
SmartDAA
(Conexant)
Conexant
Proprietary
Interface
Telephone
Line
(Color Faxing)
Video/Scan
SDRAM/DRAM
External
ARM Bus
Figure 1-1. MFP System Diagram Using MFC2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com