Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
3-6
Conexant
100723A
Table 3-1. Pin Description (6 of 6)
Pin Name
Pin No.
I/O
Input
Type
Output
Type
Pin Description
DMACYC/ CLK_CONFIG[2]
M18
I/O
U5VT
2XT5VT
(Pull up) DMA Cycle-the DMA logic has control of
the external bus. (CLK_CONFIG[2] input during the
reset period)
WAITn
J17
O
U5VT
2XT5VT
(Pull up) Wait (active low)-reflects the wait states
being used by the ARM processor.
CACHEHIT/
JTAG_MODE_SEL
J18
I/O
U5VT
2XT5VT
(Pull up) Cache hit-the ARM is retrieving data from
the cache memory (JTAG_MODE_SEL during the
reset period, “1” – ARM JTAG selected
SEQ
N17
O
D5VT
2XT5VT
(Pull down) Sequential Address Access. (Used
with nMREQ to indicate memory access type. Only
required if using co-processor cycles)
SSD_DIBRX
F3
O
Internal test pin. Leave it open.
TX_DATA
F2
O
Internal test pin. Leave it open.
SDAA_GPIO_INT
F1
O
Internal test pin. Leave it open.
VSS
L1,L2,L3,L4,U1
0,V10,W10,Y10,
L17,L18,L19,L2
0,A11,B11,C11,
D11
-
Digital ground (16 pins)
VDD
A10,B10,C10,K
1,K2,K3,K4,U11
,V11,W11,Y11,
K17,M20
-
+3.3V digital power (13 pins)
P80VSS
M1
-
Digital ground for P80 DSP
P80VDD
M2
-
+3.3V digital power for P80 DSP
VGG1
M17
-
+5V Power for the +5V tolerant pads
VGG2
D14
-
+5V Power for the +5V tolerant pads
VGG3
D5
-
+5V Power for the +5V tolerant pads
VGG4
M4
-
+5V Power for the +5V tolerant pads
VDRAM
E18
-
Battery Power for DRAM refresh.
VRTC
F17
-
Battery Power for RTC
(NC)
A3,B3,A4,B4,C4
,D4,A5,B5,C5,A
6,B6,C6,D6,A7,
B7,C7,D7,D8
-
18 RESERVED pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com