Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-10
Conexant
100723A
Table 4-2. Operation Register Map (3 of 9)
Address
Register Name
Block Name
R, DR (Dummy Read),
W, DW (Dummy Write)
01FF80C8-C9
PWMCh4Ctrl
PWM Logic
R/W
01FF80CA-CF
(Not Used)

01FF80D0-DF
(Not Used)

01FF80E0-EF
(Reserved)
01FF80F0-1
SASCmd
SASIF
R/W
01FF80F2-3
SASData
SASIF
R/W
01FF80F4-5
SASDiv
SASIF
R/W
01FF80F6-7
(Not Used)

01FF80F8-9
SASIRQSTS
SASIF
R/W
01FF80FA-FF
(Not Used)

01FF8100
SSCmd
SSIF
R/W
01FF8102
SSData
SSIF
R/W
01FF8104
SSDiv
SSIF
R/W
01FF8106-07
(Not Used)

01FF8108-09
SSCmd2
SSIF2
R/W
01FF810A-0B
SSData2
SSIF2
R/W
01FF810C-0D
SSDiv2
SSIF2
R/W
01FF810E-0F
(Not Used)

01FF8110-11
T4DataFIFO0
T4/T6 Block
R/W
01FF8112-13
T4DataFIFO1
T4/T6 Block
R/W
01FF8114-15
T4DataFIFO2
T4/T6 Block
R/W
01FF8116-17
T4DataFIFO3
T4/T6 Block
R/W
01FF8118-19
T4DataHold
T4/T6 Block
R/W
01FF811A-1B
T4DataFIFOCtrl
T4/T6 Block
R/W
01FF811C-1D
T4DataPort
T4/T6 Block
R/W
01FF811E-1F
T4DataPortTfr
T4/T6 Block
R/W
01FF8120-4F
(Not Used)

01FF8150-51
T4RefDataFIFO0
T4/T6 Block
R/W
01FF8152-53
T4RefDataFIFO1
T4/T6 Block
R/W
01FF8154-55
T4RefDataFIFO2
T4/T6 Block
R/W
01FF8156-57
T4RefDataFIFO3
T4/T6 Block
R/W
01FF8158-59
T4RefDataHold
T4/T6 Block
R/W
01FF815A-5B
T4RefDataFIFOCtrl
T4/T6 Block
R/W
01FF815C-5D
T4RefDataPort
T4/T6 Block
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com