Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 92Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 96Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 99Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-66
Conexant
100723A
The timing diagram illustrates a 16-bit memory data bus, a burst of word transfers (2 words) from the ARM7 for
full clock width CASn and PG = one wait state (non-interleaved). It also illustrates that the octal halfword boundary
doesn’t occur in the middle of the burst of word transfers.
SIUCLK
RASn[0]
CASEn[0]
DWRn
ARM ADDR
or DMA ADDR
SIU ADDR
EXT ADDR
a
ROW
COL
DATA
a
DOEEn
data
Figure 4-20. CASn Non-Interleaved 8-bit DRAM Read
The timing diagram illustrates a two clock cycle CASn non-interleaved 8-bit DRAM read (Non burst mode). This
configuration illustrates the row/column address multiplex occurring 1 cycle after RASn.
SIUCLK
RASn[0]
CASEn[1:0]
DWRn
ARM ADDR
or DMA ADDR
SIU ADDR
EXT ADDR
a
+4
a
ROW
+2
COL
+6
+4
COL
DATA
DOEOn
DOEEn
CASOn[1:0]
SIU P_ADDR
a
+2
+6
+4
COL
+8
+10
+8
+8
+10
+2
+6
+10
NOTE: In this example, a[2:0] = 00x. Also, the external address is created from the pipelined
SIU address; however, address pins a1 and a0 are not connected to the external memories.
Figure 4-21. 2-Way Interleaved Memory with Halfword Bursts of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com