Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
2-1
2. MFC2000 Summary
2.1
MFC2000 Device Family
The MFC2000 contains an internal 32-bit RISC Processor with 64-MB address space, the Countach Imaging DSP
(Conexant’s DSP) subsystem including embedded data and program memory, and dedicated circuitry optimized
for color scanning, color faxing, color copying, color printing, and multifunctional control and monitoring. The
device family with relevant features is described in Table 2-1.
Table 2-1. MFC2000 Device Family
Device No.
Product Code
Data Modem
Function
Voice Codec/Speaker
Phone Functions
Smart DAA Support
CX0720X-11
BFH
Yes
Yes
Yes
CX0720X-12
BDH
Yes
No
Yes
CX0720X -13
BBH
No
Yes
Yes
CX0720X -14
B9H
No
No
Yes
CX0720X-15
B8H
No
No
No
2.2
MFC2000 System Block Diagram
The MFC2000 contains the ARM7TDMI RISC Processor (described separately in ARM7TDMI Manuals),
Countach Imaging DSP, Modem DSP, and specialized hardware needed for the Multifunctional machine control
and scanner and fax signal processing. The Countach Imaging DSP subsystem is on a separate data bus.
Therefore, the ARM system data bus can operate in parallel with the Countach Imaging DSP subsystem data bus
for most operations except the interaction time between two buses. The two-bus architecture is very important to
provide enough bandwidth for full color MFP products. Figure 2-1 shows the MFP2000’s two-bus architecture.
The ARM Bus System (ABS) has two masters
ARM CPU and DMA Controller. They provide accesses to all
specialized hardware functions including the Countach Imaging DSP subsystem as a peripheral on the ARM Bus
System. ABS has several sections. The System Interface Unit (SIU) is the control center. The ARM CPU and
Cache Controller are on the Internal System Bus (ISB). The Cache Memory is on the Internal Cache Bus (ICB).
The DMA Controller is on the DMA Bus (DAB). All internal peripherals are on the Internal Peripheral Bus (IPB).
The SmartDAA/IA Interface and P80 core are on the IPB of the ARM Bus System. The ARM7TDMI runs at a
clock rate 40 MHz, 37.5 MHz, or 30 MHz. All external peripherals are on the ARM External Bus (AEB). There is a
separate bus system for the Countach Imaging DSP subsystem called Countach Bus System (CBS). There are
three sections, the Video/Scan Interface, the ARM Bus Interface, and the countach subsystem interface. The
external SDRAM/DRAM is on the Countach External Bus (CEB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com