Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-26
Conexant
100723A
The MFC2000 assigns 4 multi-function pins (AE[2], AO[2], AE[3], and AO[3]) to facilitate the interleave access.
SIU generates 4 signals on these 4 pins to control ROMs for the following types of interleave accesses.
•
In 2-way interleave mode, MFC2000 pins AE[2] ,AO[2], AE[3], and AO[3] are connected to pin A[1:0] of the
even and odd external ROMs. MFC2000 pins A[1:0] are used to enable the ROM’s data busses.
ROMCSn
CS
OE
D
A23
A2
A1
A0
D
EVEN
DD
A23
A2
A1
A0
CS
OE
D
ODD
A[25]
A[25]
A[4]
A[4]
AE[3]
AO[3]
AE[2]
AO[2]
EN
EN
Q-SW
Q-SW
A[1]
A[0]
RDn
Figure 4-4. 2-Way Interleave ROM Connection
•
The ROMCSn can be programmed to have up to 7 wait states for the initial access, and up to 1 wait state for
the sub-sequential access.
•
The write access to the ROM chip select area (ROMCSn) is allowed. It is customer’s choice to use it or not.
•
To use NOR-type flash memory in the ROM chip select area, WREn and WROn are designed to be used as
the write strobes for the different banks in the interleave mode (not for the higher and lower bytes). Therefore,
the 16-bit wide flash memory should be used in order to avoid the extra glue logic.
•
For non-interleave mode flash memory in the ROM chip select area, the WROn is used to access the higher
byte of the 16-bit data bus and the WREn is used to access the lower byte of the 16-bit data bus.
Assume that W wait states are needed for the initial access to ROM and S wait states (S = 0 or 1) for the sub-
sequential access according to the CPU clock frequency and the ROM speed. For a burst of 8 half-words
interleave access, the wait state of each half-word access, assuming the starting address’s A[3:1]=000. We can
have the following table show all different access modes for reading from ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com