Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 73Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 74Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 75Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 76Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 77Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 78Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 79Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 80Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-47
This section describes the three methods of interrupting the CPU program flow, which are:
Reset
Interrupts for the normal functions (IRQs)
Interrupt for the development system (through the IRQ16 pin)/Power Down (through the Power Down block)
The reset signal is controlled by the Prime Power Reset block. IRQs and SYSIRQn are managed by the Interrupt
Controller and are sent to the ARM as either an IRQ or a FIQ if enabled. Table 4-9 summarizes the interrupts and
their sources.
4.4.1.1
Reset
An active level on the CPU Reset input halts program execution and resets the CPU's internal registers. When the
CPU's Reset input is released, the CPU begins program execution at the address located in the reset vector. This
signal can be activated externally by putting low levels on the BATRSTn or RESETn pins, or internally by the
Watchdog Timer or the Battery Power Control logic Lockout circuitry. (For more information, see Section 5-1.)
4.4.1.2
System Interrupt
The system interrupt can be activated externally by the programmable interrupt IRQ16 or by the power down
signal from the Power Down Block. This interrupt is treated the same as other interrupts in the interrupt controller.
Firmware has the responsibility to make it the highest priority and to use it as the NMI function which is provided
by many other CPUs.
The input from the Power Down Block is detected and OR’ed with the programmable external IRQ16 pin. This
combined signal is then synchronized to the rising edge of SIUCLK, and then clocked to the falling edge of
SIUCLK before an interrupt will be operated in the interrupt controller.
For normal system operation, the system interrupt represents a loss of system power, indicated by Power Down
signal going low. The system interrupt control firmware performs the necessary power-down maintenance
operations, and then writes to the Lockout Enable register (LockEnn) to protect the battery backed-up registers
during loss of power. (Note that activating lockout also generates a reset).
4.4.1.3
Interrupts for Normal Functions
The level-mode interrupt is provided for internal and external interrupts. All internal interrupts are high-level
interrupts. The external Modem interrupt is a low-level interrupt. All other external interrupts are programmable to
be either high/low/level/edge interrupts. There are only two kinds of registers needed for the interrupt controller;
one is the interrupt enable register and another is the interrupt event register. The interrupt controller DOES NOT
prioritize the multiple sources of interrupts and DOES NOT generate the interrupt addresses. It only provides
interrupt masking for all of interrupts including the system interrupt (i.e., enable/disable control), and generates
the interrupt request for the CPU.
When the bit corresponding to an interrupt in the interrupt enable register is set, it enables the interrupt request to
cause an interrupt. When the bit is cleared, it masks the interrupt. When the event corresponding to an interrupt
bit in the interrupt event register occurs, this bit needs to be set on the rising edge of SIUCLK whether it is
enabled or not. On the falling edge of SIUCLK, the interrupt controller generates the interrupt (IRQn and FIQn) to
CPU. This interrupt controller has two identical sets of interrupt logic and registers for IRQn and FIQn. Firmware
needs to decide which interrupts trigger IRQn and which interrupts trigger FIQn. In the interrupt subroutine, the
CPU needs to clear the interrupt event from the interrupt source. Then, this bit will be reset at the following rising
edge of SIUCLK. For the software interrupt, the interrupt source is the interrupt bit in the interrupt event register
itself. Therefore, the CPU needs to write a 1 to generate the software interrupt and write a 0 to clear the software
interrupt.
The source of the IRQ is required to latch the interrupt signal and hold the signal active until the CPU processes
the IRQ. The CPU firmware clears the source of the IRQ before exiting the IRQ's service routine. If any IRQ's are
pending when new IRQ's are enabled by either setting the interrupt enable registers or the Interrupt Disable bit in
the CPU Processor Status register, the enabled IRQ causes an almost immediate CPU interrupt [the CPU only
acknowledges interrupts during the op code fetch of an instruction].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com