Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-8
Conexant
100723A
4.1.2
Register Map
Table 4-2. Operation Register Map (1 of 9)
Operation registers are located from 01FF8000H to 01FF87FFH.
Address
Register Name
Block Name
R, DR (Dummy Read),
W, DW (Dummy Write)
01FF8000-01
TADCCtrl
TADC
R/W
01FF8002-03
TADCInsData
TADC
R
01FF8004-05
TADCCh0Data
TADC
R
01FF8006-07
TADCCh1Data
TADC
R
01FF8008-09
TADCCh2Data
TADC
R
01FF800A-1F
(Not Used)

01FF8020-21
IRQFIQEvent1
Interrupt Controller
R
01FF8022-23
IRQFIQEvent2
Interrupt Controller
R(Bit[6:2], Bit[0]) R/W(Bit[1])
01FF8024-25
IRQEnable1
Interrupt Controller
R/W
01FF8026-27
IRQEnable2
Interrupt Controller
R/W
01FF8028-29
FIQEnable1
Interrupt Controller
R/W
01FF802A-2B
FIQEnable2
Interrupt Controller
R/W
01FF802C-2D
EIRQConfigClr
Interrupt Controller
R/W
01FF802E-2F
IRQTimer1
Interrupt Controller
R/W
01FF8030-31
IRQTimer2
Interrupt Controller
R/W
01FF8032-3F
(Not Used)

01FF8040
WatchdogEnRetrigger
Watchdog Timer
W
01FF8042
WatchdogInterval
Watchdog Timer
R/W
01FF8044
HWVersion
Watchdog Timer
R
01FF8046
ProductCode
Watchdog Timer
R
01FF8048-4B
(Not Used)

01FF804C-4D
SSCurTimer1
Scan/Print Motor Controller
R/W
01FF804E-4F
SSCurTimer2
Scan/Print Motor Controller
R/W
01FF8050-51
SStepCtrl
Scan/Print Motor Controller
R/W
01FF8052-53
SStepTimer
Scan/Print Motor Controller
R/W
01FF8054-55
SSDelayTimer
Scan/Print Motor Controller
R/W
01FF8056-57
SMPattern/GPO
Scan/Print Motor Controller
R/W
01FF8058-59
VPStepCtrl
Scan/Print Motor Controller
R/W
01FF805A-5B
VPStepTimer
Scan/Print Motor Controller
R/W
01FF805C-5D
VPMPattern/GPO
Scan/Print Motor Controller
R/W
01FF805E-5F
(Not Used)

01FF8060-61
RotCtrl
Bit Rotation Block
R/W
01FF8062-63
RotPackeddata
Bit Rotation Block
R/W
01FF8064-67
(Not Used)

01FF8069-6B
TotalBinDatCntr
Bi-level Resolution Conversion
R
01FF806C-6D
FirstBlkDatCnt
Bi-level Resolution Conversion
R
01FF806E-6F
LastBlkDatCnt
Bi-level Resolution Conversion
R
01FF8070-71
BiRCInFIFO0
Bi-level Resolution Conversion
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com