Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
3-9
Table 3-5. Power Supply Requirements
Operating Voltage
Current*
Symbol
Description
Min.
(V)
Max.
(V)
Typ. @ 25
°°°°C(mA)
Max.@ 0
°°°°C
(mA)
VGG
Digital Power for 5VT
4.75
5.25
VDD
Digital Power
3.0
3.6
GND
Digital GND
0
0
IDD
Total Digital Current
(TBD)
(TBD)
VBAT
Battery Power
2.7
3.6
VDRAM
Battery Power
2.7
3.6
Note: * Maximum power supply current is measured at 3.6V.
Table 3-6. Battery Power Supply Current Requirements
VBAT
VDRAM
Operating Voltage
(V)
Typ.@25
°°°°C
(
µµµµa)
Max.@70
°°°°C
(
µµµµa)
Typ.@25
°°°°C
(
µµµµa)
Max.@70
°°°°C
(
µµµµa)
2.7
4
tbd
100
tbd
3.0
tbd
tbd
tbd
tbd
3.3
6
tbd
tbd
tbd
3.6
tbd
tbd
tbd
tbd
Note: Battery power supply current is measured when a 32KHz crystal is used. The DRAM battery currents that are listed are
somewhat dependent on the type of DRAM used. This particular configuration had 1 interleaved DRAM bank in backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com