Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 87Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 88Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 89Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 90Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 91Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 92Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 93Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-61
4.5.2
Register Description
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
DRAM Control
Register
(DRAMCtrl1)
$01FF8821
Bank 1 Address Multiplexing
Bank 1
Increase
RAS Cycle
Time
Bank 1
2-cycle
RAS
Precharge
Bank 1
1-cycle
RAH
Bank 1 Non-interleaved
Speed Control
00 = Fast Mode
01 = Normal Mode
10 = Slow Mode
11 = N/A
Rst. Value
x0000000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
DRAM Control
Register
(DRAMCtrl1)
$01FF8820
Bank 0 Address Multiplexing
Bank 0
Increase
RAS Cycle
Time
Bank 0
2-cycle
RAS
Precharge
Bank 0
1-cycle
RAH
Bank 0 Non-interleaved
Speed Control
00 = Fast Mode
01 = Normal Mode
10 = Slow Mode
11 = N/A
Rst. Value
x0000000b
Read Value
00h
Register Description: The DRAM Control register is used to program the two DRAM banks for the type of
operation that is desired.
Bits 15-13: Bank 1 Address Multiplexing
This register controls the addressing multiplexing for Bank 1
Bit 12:
Bank 1 Increase RAS Cycle Time
This register will add one cycle after the refresh cycle prior to RAS
precharge to meet TRC (RASn cycle time). This is needed in order to
use 70 ns DRAMs while running at 39MHz.
Bit 11:
Bank 1 2-cycle RAS Precharge
This register will increase the RASn[1] Precharge time from 1 to 2
clock cycles.
Bit 10:
Bank 1 1-cycle RAH
This register will increase the RASn[1] address hold time. When this
bit is set, the address will be multiplexed 1 clock cycle after the falling
edge of RAS[1]n. The default setting will multiplex the row/column
address ½ clock cycle after the falling edge of RAS[1]n.
Bit 9-8:
Bank 1 Speed Control
These registers will control the speed of the DRAM interface for bank
1 when in the non-interleaved mode. This register controls the width of
the CASn signal. These bits are ignored in interleaved mode.
Bit 9
Bit 8
Non-Interleaved Operation:
0
0
CASn is ½ clock cycle wide.
0
1
CASn is 1 clock cycle wide.
1
0
CASn is 2 clock cycles wide for Read
and 1 clock cycle wide for write.
11
N/A
Bits 7-5:
Bank 0 Addressing Multiplexing:
This register controls the addressing multiplexing for Bank 0
(Table 4-12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com