Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-30
Conexant
100723A
4.3.2
Register Description
SIU Control
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
SIU Configuration
(SIUConfig)
01FF8801
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
CS4n Read
Only
Rst. Value
xxxxxxx0b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
SIU Configuration
(SIUConfig)
01FF8800
CS3n Write
Only
Flush
Cache
Global Lock Cache Lock
Mode
Cache Test
Mode
Cache
Enable
Disable
Force
External
Disable
Abort
Rst. Value
00h
Read Value
00h
Bit 8
CS4n Read only
Writing a 1 makes CS4n a read only CS. Default is 0.
Bit 7
CS3n Write only
Writing a 1 makes CS3n a write only CS. Default is 0.
Bit 6
Flush: Write only bit.
Writing a 1 generates a pulse which flushes all Valid bits, LRU bits and
Lock bits in the Cache Tag. Default is 0
Bit 5
Global_Lock: Read/writable bit
Writing a 1 locks the whole Cache. The Cache stays in Lock Mode
until a 0 is written. Default is 0.
Bit 4
Cache_Lock: Read/writable bit
Writing a 1 places the Cache in the Lock Mode and the Cache stays in
Lock Mode until a 0 is written. Each cache line is locked individually .
Default is 0
Bit 3
Cache_Test: Read/writable bit
Writing a 1 sets the Cache into Test Mode and the Cache RAM and
Tags can be accesses as regular memory. Note that certain Tag bit
only readable . The Cache stays in Test Mode until a 0 is written to
this bit. Default is 0.
Bit 2
Cache_Enable: Read/writable bit
Writing a 1 enables the Cache and the Cache stays enabled until a 0
is written or a reset is received. Power-up resets to 0, so the Cache is
disabled.
Bit 1
Force_external
This signal will disable the forcing of all accesses to be visible on the
external bus regardless of destination. If this signal is enabled, only
external transactions will be visible on the external bus. 1 is disabled,
0 is enabled. Default is 0.
Bit 0
Disable_abort:
This signal disables abort generation for internal and external access.
If this signal is a 1, all transactions to internal and external address
space will be allowed to occur regardless of if an valid internal or
external peripheral exists. If this signal is 0, then accesses must be to
valid peripheral locations or an abort signal will be generated. Default
is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com