Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 94Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 95Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 96Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 99Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-68
Conexant
100723A
The timing diagram illustrates two-way interleaved DRAM write. This configuration assumes that the data bus is
available to the DRAM with enough setup time to the CASn falling edge. In addition, this configuration has a 2-
cycle wide RASn and allows one cycle after the falling edge of RASn before the row/column address mux.
SIUCLK
RASn[1]
CASEn[1:0]
DWRn
CASOn[1:0]
tRP
tRAS
a refresh cycle
tCP
Figure 4-24. Refresh Cycle
The timing diagram illustrates a refresh cycle. tRAS is three cycles wide to accommodate frequency ranges up to
40 MHz. This timing is used during prime power refresh. During battery backup, a custom refresh circuit is used to
generate refreshed timing based on the oscillator clock.
4.5.4
Detailed Timing Measurements
t
RD
t
CD
Access with 1 or
2 wait states
Access with
0 wait states
SIUCLK
RASN[1:0]
CASEN[1:0],
CASON[1:0]
DWRN
(write)
t
RD
t
CD0
t
CD
t
DW
t
DW
COL
COL
COL
A[x:0]
(option 1)
ROW
COL
COL
COL
A[x:0]
(option 2)
t
RAH1
t
RAH2
t
CSU
t
CSU0
DWRN
(read)
t
CDO
Note:1
Note:2
ROW
Figure 4-25. DRAM Timing
Read, Write and Wait States for Non-interleave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com