Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 97Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 98Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 99Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 102Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 103Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-71
Table 4-15. DRAM Timing Parameters
Parameter
Symbol
Min.
Max.
Units
RASN delay
t
RD
20
ns
CASN delay (0 wait state)
t
CD0
20
ns
CASN delay
t
CD
20
ns
CASN address setup (0 wait state) (10Mhz)
t
CSU0
7
ns
CASN address setup (30 MHz)
t
CSU
7
ns
RASN address hold 1
t
RAH1
3
ns
RASN address hold 2
t
RAH2
3
ns
DWRN delay
t
DW
20
ns
OE delay
t
OED
20
ns
CASN pulse width
t
RCAS
30
500
ns
RASN pulse width
t
RRAS
30
500
ns
CASN to RASN delay
t
CRD
5
200
ns
Notes: 1. Bit 2 of the DRAM Control Register sets this time to ½ or 1 clock cycle.
2. Bit 8 and 9 of the DRAM Control Register sets this time to 1 or 2 clock cycles.
4.5.5
Software Operation
Special Cautions
•
The Backup Configuration register is set to 0000h the initial power up only. This register is backed up during
battery power mode.
•
DRAM control signals are tri-stated during battery power if the backup timer is set to 0 or the backup time
expires, regardless of how the enable bits are set.
•
After a reset occurs and the CPU is released to run, the CPU cannot write to the Backup Configuration
register until one OSCCLK cycle has passed.
•
During power-up, the firmware must pay attention to the power up DRAM requirements specified in the DRAM
data books. Typically, DRAMs cannot be accessed for 200
µs and then must have 8 CASn before RASn
refreshes occur before accessing the DRAMs.
•
Within the DRAM Memory address space memory bank mirroring is allowed. Firmware will have to determine
the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com