Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 102Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 103Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-75
t
FCSD
t
FD
SYSCLK
FCSN[1:0]
GPIO[0]
(FWRN)
t
FCSD
t
FD
in
D[15:0]
(read)
out
D[15:0]
(write)
t
FDSU
t
WDD
GPIO[1]
(FRDN)
t
FD
t
FD
t
WDH
t
ALD
t
ALD
FALE
(GPIO)
FCLE
(GPIO)
t
CLD
t
CLD
Figure 4-31. NAND-Type Flash Memory Access with Two Wait States
Parameter
Symbol
Min.
Max.
Units
FCSN delay
t
FCSD
16
ns
Flash read/write delay
t
FD
16
ns
Flash read data setup
t
FDSU
8
ns
Flash write data delay
t
WDD
21
ns
Flash write data hold
t
WDH
0
ns
Flash address latch delay
t
ALD
16
ns
Flash command latch delay
t
CLD
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com