Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 100Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 101Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 102Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 103Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-74
Conexant
100723A
4.6.3
Timing
All accesses can be performed from zero to seven wait states. The number of wait states is programmable in the
FlashCtrl register. During write operations, if one to seven wait states is used, the EarlyOff option must be set in
the FlashCtrl register. The EarlyOff option is ignored with zero wait state.
Wait states are generated to accommodate slow memory devices, for more details of how the control signals are
changed with an inserted wait state, refer to the timing diagram Figure 4-31.
•
NAND-Type flash For this type of flash, addresses and data are passed through the external data bus.
During read operations, the device selection is one of the two Flash Chip Select signals FCSn[1:0], FRDn is
the Flash Read Enable signal from the bus interface. FCLE and FALE must be low (inactive) during reads.
For zero wait state access, FWRn and FRDn are only half SIUCLK cycle (like RDn and WRn of the normal
bus operation).
During program/erase operations, the device selection is one of the FCSn[1:0] signals. Command, address
and data are all written through the external data bus. The Flash Command Latch Enable (FCLE ) and the
Flash Address Latch Enable (FALE) signals are the controls for writing to the Command or the Address
register respectively. FCLE and FALE must be low (inactive) during a data write to the flash devices.
•
NOR-Type Flash Accesses are performed using normal bus operations.
During program/erase operations, the device selections are the two Flash Chip Select signals FCSn[1:0],
addresses are latched on the falling edge of the Flash Write Enable signal WREn/WROn, and data is latched
on the rising edge of WREn/WROn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com