Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 103Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 104Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 105Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-77
⇒ Addressing Modes
All of the DMA Channels increment by 2 after each access. The external channels 1 and 2, can be set to
increment by 1 for byte wide peripherals. The count enable register allows the user to select which
address will increment after each access. However, Channels 2 and 3 have the additional functionality
allowing them to Increment or Decrement by a specified amount. Channel 2 is controlled by the values in
it’s control register. Channel 3 is controlled by control signals generated in the Bit Rotation Logic.
⇒ Priority
Shows the overall channel priority in the DMA request arbitrator, with 1 as the highest.
⇒ Uninterrupted Burst mode
Allows the requesting device to hold the Burst DMA Request active (PSEQ), to transfer multiple bytes of
uninterrupted data. If higher priority requests occur during the burst operation they will be ignored.
This operation is mainly for high speed DRAM access. Also during this mode, the read/write control and
the count controls must remain static.
⇒ Throttle Control
A Throttle Value can be set to allow 1 DMA access per a given time period. The throttle time period is a
product of the value set and the system clock.
⇒ Logical Channels
This single physical DMA channel is equipped with multiple logical channels that operate independent of
each other. Only one logical can be active at any time.
4.7.1
DMA Mode Summary
Table 4-16. Feature Matrix
Features
Channel
Double
Buffered
Control
Block Size
Limit
Address
Increment
Address
Decrement
Address
Jump
Priority
U-I
Burst
Mode
Other
Features
0
√√
√
√
1
√
Logical
1
√
√
2
√
2
√√
√
√
√
3
Byte
3
√√
√
4
4
√√
√
7
√
5
√√
√
8
√
6
√√
9
√
Throttle
7
√√
10
√
8
√√
11
√
9
√√
√
12
√
10
√√
√
13
√
Throttle
11
√√
√
5
√
12
√√
√
6
√
Throttle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com