Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-81
SIUCLK
Ext. DMAACK
DMA address
Ext. address bus
DMA data
Ext. data bus
Ext. DMAREQ
tDRS
tAD
tDADN
tDOH
tWD
tDADF
WREn
DMA Cycle
tWD
Figure 4-33. External DMA Write Timing (Single Access, One Wait State)
Parameter
Symbol
Min
Max
Units
RDn delay (ext. load = 50pF)
tRD
25
ns
WRn delay (ext. load = 50pF)
tWD
25
ns
Address delay (ext. load = 50pF)
tAD
24
ns
DMAACK on delay time (ext. load = 15pF)
tDADN
10
ns
DMAACK off delay time (ext. load = 15pF)
tDADF
5ns
DMA Input Data Hold
tDIH
8
ns
DMA Output Data Hold (ext. load = 50pF)
tDOH
8
25
ns
RASn delay (ext. load = 40pF)
tRASD
25
ns
CASn delay (ext. load = 40pF)
tCASD
20
ns
DWRn delay (ext. load = 40pF)
tDWD
-20
ns
Notes:
1.
SIUCLK is the internal system interface clock. These values is for SIUCLK = 30 MHz.
2.
The external DMA request set-up time (tDRS) is not required because this input is double
synchronized internally for the meta-stable case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com