Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 106Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 107Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-80
Conexant
100723A
cycle DMA read the requesting device must capture the data on the falling edge of the peripheral DMA
acknowledge.
If a sequential DMA access burst is desired, the peripheral must also activate the sequential access indicator at
the time of the initial request and must be cleared at the end of the next to the last DMA cycle. The DMA request
must be deactivated during the final DMA cycle, on the 1
st rising edge of the SIUCLK. The peripheral must also
capture (read), or drive the next datum onto the data bus on each rising edge of the SIUCLK when the DMA
acknowledge is active. During sequential burst accesses the Read/Write control and DMA address count controls
must remain static.
4.7.3.2
External DMA requests
The external device activates the DMA request signal (DMAREQ) at any time when it wants to do the single DMA
access operation. The MFC2000 chip double synchronizes the DMAREQ signal internally to avoid the meta-
stable case. After external DMA request has been issued, the associated acknowledge signal is activated with a
minimum delay of 5 internal SIUCLK cycles. The external device must deactivate DMAREQ after the associated
acknowledge signal is activated and before the end of this DMA cycle. If the DMA request continues to be
activated by the external DMA requesting device, the external DMA requesting device will get the second
DMAACK signal for the next single data transfer, when system bus is ready.
The MFC2000 chip continues to perform single DMA access as long as the DMAREQ is kept active by the
external DMA requesting device.
DMAACK is used similarly as chip select to indicate the DMA access cycle is ready for the external DMA
requesting device. The delay path within the MFC2000 is longer for DMAACK than for RDn; however, the actual
amount of skew between the two signals is dependent on their relative loading at the system board level. If RDn
has excessive delay, the DMAACK can be programmed to extend it an extra half SIUCLK cycle.
SIUCLK
Ext. DMAACK
DMA address
Ext. address bus
DMA data
Ext. data bus
Ext. DMAREQ
tDRS
tAD
tDADN
tDIH
tRD
tDADF
RDn
DMA Cycle
tRD
Figure 4-32: External DMA Read Timing (Single Access, One Wait State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com