Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 108Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 109Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-82
Conexant
100723A
4.7.4
USB Block Diagrams
Below is a block diagram depicting the four USB logical channels. Each logical channel shows the double
buffering of the address and block registers. The right side of the diagram shows the common counters for the
block and address. Also shown is the feedback path from the counters to the registers used upon USB ACKs. The
select signal for the logical channels are shown at the bottom of the diagram.
Address 1
Address 2
Block 1
Block 2
LCH1
Address 1
Address 2
Block 1
Block 2
LCH2
Address 1
Address 2
Block 1
Block 2
LCH3
Address 1
Address 2
Block 1
Block 2
LCH4
Addr Counter
Block Counter
IPB Data
Channel Select Note: Selecting Channel Will
Load current registers to counter
Address Feedback
Block Feedback
Adr_Out
Blk_Out
To IPB
Data Out
Figure 4-34. USB Logical Channels Block Diagram
4.7.4.1
USB Logical Channel Assignments
•
Ch1: Scan
Mem to PC, DMA Read only
•
Ch2: Print
PC to Mem, DMA Write only
•
Ch3: FAX Rx
Mem to PC, DMA Read only
•
Ch4: FAX Tx
PC to Mem, DMA Write only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com