Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 114 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 114 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 110Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 111Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 112Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-84
Conexant
100723A
Address:
chcsh[10:0]
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Hi Counter
(DMAiCnthi)
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
DMA0-12
Addr.
Bit 25
DMA0-12
Addr.
Bit 24
Rst. Value
00h
Read
Value 00h
Address:chcsh[10:
0]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Hi Counter
(DMAiCnthi)
DMA0-12
Addr.
Bit 23
DMA0-12
Addr.
Bit 22
DMA0-12
Addr.
Bit 21
DMA0-12
Addr.
Bit 20
DMA0-12
Addr.
Bit 19
DMA0-12
Addr.
Bit 18
DMA0-12
Addr.
Bit 17
DMA0-12
Addr.
Bit 16
Rst. Value
00h
Read
Value 00h
DMA Channel 0
12 Upper Address Counter Value
DMAUSB0CntHi
01FF81CA-CB
DMAUSB1CntHi
01FF81D0-D1
DMAUSB2CntHi
01FF81D6-D7
DMAUSB3CntHi
01FF81DC-DD
DMA1CntHi
01FF8186-87
DMA2CntHi
01FF818A-8B
DMA3CntHi
01FF8192-93
DMA4CntHi
01FF8196-97
DMA5CntHi
01FF819A-9B
DMA6CntHi
01FF819E-9F
DMA7CntHi
01FF81A2-A3
DMA8CntHi
01FF81A6-A7
DMA9CntHi
01FF81AA-AB
DMA10CntHi
01FF81AE-AF
DMA11CntHi
01FF81E2-E3
DMA12CntHi
01FF81E8-E9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com