Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 118 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 118 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-88
Conexant
100723A
Address:ch1cscntl
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA 1 Configuration
(DMA0config)
$xx8183
DMAACK1
Delay-off
0=normal
1=delay ½
SIUCLK
cycle
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
Rst. Value
00h
Read
Value 00h
Address:ch1cscntl
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA 1 Configuration
(DMA0config)
$xx8182
Read = 1
Write = 0
Enable
0 = disable
1 = enable
Not Used
Not Used
Not Used
Not Used
Not Used
Count By
0=byte
1=halfword
Rst. Value
00h
Read
Value 00h
Bit 0:
Sets byte or halfword data access to match external devices.
Bit 6:
This bit controls the channel enable
Bit 7:
This bit controls the external data direction
Bit 15:
Setting this bit to a 1 will extend the external DMAACK ½ SIUCLK
cycle so that it may be used as a chip select.
Address:ch2cscnt
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA 2 Configuration
(DMA2config)
$xx81B3
DMAACK2
Delay-off
0 = normal
1 = delay
half SIUCLK
cycle (Write
Only)
Not Used
Not Used
Not Used
Not Used
Not Used
BRB to
Memory,
Data
Transfer
(Write Only)
Byte Mode =
0
½ Word
Mode = 1
Rst. Value
00h
Read
Value 00h
Address:ch2cscnt
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA 2 Configuration
(DMA2config)
$xx81B2
Read = 1
Write = 0
Requested
Device
0=Bit Rot.
1= Ext Mem
0 = Inc
1 = Dec
Count By
1024
Count By
512
Count By
256
Count By
2
Count By
1
Rst. Value
00H
Read
Value 00h
DMA channel 2 Address Jump, Increment, and Decrement Control. The Count By control bits allows the user to
select how the address is progressed after each DMA access. Only one Count By Bit can be set at a time. If there
are no Count By control bits selected the address will remain fixed.
Bit 15:
If DMAACK2 is used as a select signal (like a chip select), the
extended DMAACK2 may be needed. This ‘DMAACK2 delay-off’ bit
needs to be set to ‘1’ for extending DMAACK2 half SIUCLK cycle.
Bit 9:
This bit controls the source of the DMA Request. If this bit is set to 0
and bit 6 is set to 0, a external support chip must be used to provide
an external DMA Request for transferring printer data. If an external
device is not used, the Bit Rotation Block can directly transfer print
data to memory. To operate in this mode bit 9 should be set to 1, bit 6
set to 0, and bit 7 set to 0 for DMA writes to memory. If bit 6 is set to 1,
bit 9 must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com