Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 122 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 122 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 124Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 125Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 126Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-92
Conexant
100723A
Address:ch9csbs
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA9 Transfer
Block Size Reg.
(DMA9BlockSize)
$xx81BF
Channel 9
Enable = 1
Not Used
Not Used
Not Used
Upper four bits of the Block Size counter
Rst. Value
00h
Read
Value 00h
Address:ch9csbs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA9Transfer
Block Size Reg.
(DMA9BlockSize)
$xx81BE
Low Byte Value for the Bi-level resolution conversion logic Block Size Counter
Rst. Value
00h
Read Value
00h
•
DMA Channel 9 Block Size Limit Counter
•
block size of DMA channel 9 (bytes)
− Unlimited block size (block size =
∞ ):
bit[11:0] of the DMA9BlockSize register = 000h
Limited block size (block size = 1 - 4095)
•
The Block Size counter will decrement regardless of the DMA Address counter’s activity. The block size
register content is 0000h when the block size limit is reached.
•
Writing to this register will also clear the bi-level resolution conversion interrupt.
Bit 15:
Channel 9 Enable is cleared when the block size limit is reached, and must be set, (enabled) after a
new block size is entered. The new block size can only be written
when this bit is 0.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA6/10 Throttle
(DMA6/10Throttle)
$01FF81BD
Throttle Ch.
Select
0= Ch. 6
1= Ch. 10
Throttle
Value
bit 14
Throttle
Value
bit 13
Throttle
Value
bit 12
Throttle
Value
bit 11
Throttle
Value
bit 10
Throttle
Value
bit 9
Throttle
Value
bit 8
Rst. Value
00h
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA6/10 Throttle
(DMA6/10Throttle)
$01FF81BC
Throttle
Value
bit 7
Throttle
Value
bit 6
Throttle
Value
bit 5
Throttle
Value
bit 4
Throttle
Value
bit 3
Throttle
Value
bit 2
Throttle
Value
bit 1
Throttle
Value
bit 0
Rst. Value
00h
Read
Value 00h
•
Throttle Value (TV) = 1-32767 (TV= 0; disables Throttle Function)
Throttle Value (TV) allows 1 DMA access every “TV*SIUCLK” time period.
•
DMA Channel 6 OR 10 Throttle Control: This register is loadable while the DMA is active. Write to this register
will reset the throttle timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com