Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-89
Bit 8:
If the Bit Rotation Block is selected (bit 6 = 0), and the external data
bus for the Print ASIC is byte wide, this bit needs to be ‘0’. If the Bit
Rotation Block is selected (bit 6 = 0), and the external data bus for the
Print ASIC is halfword wide, this bit needs to be ‘1’. If external memory
is selected (bit 6 = 1), the external bus data width for the Print ASIC
and external memory need to be matched (this bit is not used).
Bit 7:
Control bit definition is with reference to the DMA requested device
and controls the read/write signals during the DMA cycle. If it is set to
write, the write strobe will be active during the DMA cycle.
Bit 6:
If the Bit Rotation Block is selected ( bit 6 = 0), the DMA Request will
be held off when the Bit Rotation Block output register is not ready.
The ASIC output bus drivers will be disabled during external DMA
request write (bit 6 = 1 and bit 7 = 0).
Bit 5:
Controls the address count direction performed after each DMA cycle.
Bit 4-0:
These bits control how the address registers will count after each DMA
cycle. Note: If byte mode is set, the Count By 1 should be set.
Note: Requests to this channel are delayed by two clocks for synchronization.
Address:ch2csbs
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA 2 Transfer
Block Size Reg.
(DMA2BlockSize)
$xx81B5
Channel 2
Enable = 1
Not Used
Not Used
Not Used
Not Used
Not Used
Upper two bits of the Block
Size counter
Rst. Value
00h
Read
Value 00h
Address:ch2csbs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA2 Transfer
Block Size Low
Byte Reg.
(DMA2BlockSizeLo)
$xx81B4
Low Byte Value for the External DMA Block Size Counter
Rst. Value
00h
Read
Value 00h
•
DMA Channel 2 Block Size Limit Counter
•
block size of DMA channel 2 (halfwords)
− Unlimited block size (block size =
∞ ):
bit[7:0] of the DMA2BlockSize register = 00h
bit[9:8] of the DMA2BlockSize register = 00b.
− Limited block size (block size = 1 - 1023)
•
The Block Size counter will decrement regardless of the DMA Address counter’s activity. The block size
register content is 0000h when the block size limit is reached.
•
Please see the operation description of DMA2BlkSize and DMA2BufBlkSize registers below (in the
DMA2BufBlkSize register section).
•
Writing to this register will also clear the DMA channel 2 interrupt.
Bit 15:
Channel 2 Enable is cleared when the block size limit is reached, and
must be set, (enabled) after a new block size is entered. The block
size can only be written into the DMA2Blksize register when this bit is
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com