Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 120 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 120 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 124Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-90
Conexant
100723A
Address:ch2csbbs
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Ch2 Buffered
Transfer Block Size
Reg.
(DMA2BfBlockSize)
$xx81B7
Ch2
Enable = 1
Not Used
Not Used
Not Used
Not Used
Not Used
Upper two bits of the Block
Size counter
Rst. Value
00h
Read
Value 00h
Address:ch2csbbs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Ch2 Buffered
Transfer Block Size
Low Byte Reg.
(DMA2BfBlockSizeLo)
$xx81B6
Low Byte Value for the External DMA Block Size Counter
Rst. Value
00h
Read
Value 00h
•
DMA Channel 2 Buffered Block Size Limit Counter
•
block size of DMA channel 2 (1/2 Words)
− Unlimited block size (block size =
∞ ):
bit[7:0] of the DMA2BlockSize register = 00h
bit[9:8] of the DMA2BlockSize register = 00b.
− Limited block size (block size = 1 - 1023)
•
The first transfer block size and the starting address must be set up in the DMA2BlkSize and DMA2 address
registers. The second transfer block size and the starting address must be set up in the DMA2BufBlkSize and
DMA2 buffered address registers. Then, Firmware only needs to update the DMA2BufBlkSize and DMA2
buffered address registers when the DMA channel 2 interrupt occurs. This allows preloading of the next block
size and starting address before the DMA operation for the current block has completed.
•
The Buffered Block Size will be down loaded into the Block Size Counter when the current Block Size is
reached and a new value has been written into this buffered block size register. Writing to this register will
also clear the DMA channel 2 interrupt.
•
The block size can be written into the DMA2BufBlkSize register only when the value of bit 15 in the
DMA2BlkSize register is set to 0.
Address: chcsbl[2] Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Ch2 Buffered
Low Counter
(DMA2Cntblo)
$xx818D
DMAB2
Addr.
Bit 15
DMAB2
Addr.
Bit 14
DMAB2
Addr.
Bit 13
DMAB2
Addr.
Bit 12
DMAB2
Addr.
Bit 11
DMAB2
Addr.
Bit 10
DMAB2
Addr.
Bit 9
DMAB2
Addr.
Bit 8
Rst. Value
00h
Read
Value 00h
Address: chcsbl[2] Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Ch2 Buffered
Low Counter
(DMA2Cntblo)
$xx818C
DMAB2
Addr.
Bit 7
DMAB2
Addr.
Bit 6
DMAB2
Addr.
Bit 5
DMAB2
Addr.
Bit 4
DMAB2
Addr.
Bit 3
DMAB2
Addr.
Bit 2
DMAB2
Addr.
Bit 1
DMAB2
Addr.
Bit 0
Rst. Value
00h
Read
Value 00h
•
DMA Channel 2 Lower Buffered Address Counter Value
•
The Buffered Address Counter Value will be down loaded into the Address Counter when the current Block
Size is reached and a new value has been written into this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com