Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 121 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 121 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 122Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 124Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 125Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-91
Address: chcsbh[2] Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA Ch2 Buffered
Hi Counter
(DMA2Cntbhi)
$xx818F
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
Rst. Value
00h
Read
Value 00h
Address:chcsbh[2] Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA Ch2 Buffered
Hi Counter
(DMA2Cntbhi)
$xx818E
DMAB2
Addr.
Bit 23
DMAB2
Addr.
Bit 22
DMAB2
Addr.
Bit 21
DMAB2
Addr.
Bit 20
DMAB2
Addr.
Bit 19
DMAB2
Addr.
Bit 18
DMAB2
Addr.
Bit 17
DMAB2
Addr.
Bit 16
Rst. Value
00h
Read
Value 00h
•
DMA Channel 2 Upper Buffered Address Counter Value
•
The Buffered Address Counter Value will be down loaded into the Address Counter when the current Block
Size is reached and a new value has been written into the Buffered Block Size register.
Address:ch5csbs
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMA5 Transfer
Block Size Reg.
(DMA4BlockSize)
$xx81BB
Channel 5
Enable = 1
Not Used
Upper six bits of the Block Size counter
Rst. Value
00h
Read
Value 00h
Address:ch5csbs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMA5Transfer
Block Size Reg.
(DMA4BlockSize)
$xx81BA
Low Byte Value for the PIO to Memory Block Size Counter
Rst. Value
00h
Read
Value 00h
•
DMA Channel 5 Block Size Limit Counter
•
block size of DMA channel 5 (bytes)
− Unlimited block size (block size =
∞ ):
bit[13:0] of the DMA5BlockSize register = 0000h
Limited block size (block size = 1 - 16380)
•
The Block Size counter will increment regardless of the DMA Address counter’s activity
Bit 15:
Channel 5 Enable is cleared when the block size limit is reached, and
must be set, (enabled) after a new block size is entered. This bit is
also inverted and sent to the PIO as MaxDmaCnt. The new block size
can only be written when this bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com