Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 113Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 114Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 115Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 116Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 117Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 118Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 119Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 120Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
4-87
Address:ch4csbs
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
DMAUSB Transfer
Block Size Reg.
(DMAUSBBlockSize
)
USB Channel
Enable = 1
Stop At
Block
Upper six bits of the Block Size Counter
Rst.
Value
00h
Read
Value 00h
Address:ch4csbs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
DMAUSBTransfer
Block Size Reg.
(DMAUSBBlockSize
)
Low Byte Value for USB Memory Block Size Counter
Rst. Value
00h
Read
Value 00h
Block Size data written to this register will be placed into the inactive Block Size register. This register will become
active once the prior block has completed (USB IRQ). Reading this register will return the Block Size value when
the last USBACK occurred. Writing to this will initialize the logical channel. Therefore, when setting up a logical
channel, this register should be written to last.
Note:
This register is double buffered. Writing to this location twice will load the active register
as well as the buffer register. Upon a block limit interrupt, the buffer value will be activated
therefor a new buffered value should be written to this register.
•
DMA USB Channel Block Size Limit Counter
DMAUSB0 BlkSiz
01FF81CC-CD
DMAUSB1 BlkSiz
01FF81D2-D3
DMAUSB2 BlkSiz
01FF81D8-D9
DMAUSB3 BlkSiz
01FF81DE-DF
Bits [13:0] DMAUSB Memory Block Size
The block size of DMA channel can range from 1 – 16383 DMA
transfers.
The Block Size counter will decrement regardless of the DMA Address
counter’s activity. The block size register content is 0000h when the
block size limit is reached.
When the block size reaches its limit, an IRQ will be generated upon
the next Channel ACK. Writing To this register will clear the IRQ.
Bit 14 Note:
When this bit is set, the DMA channel will disable it’s self until a new block size
is entered.
If this bit is 0, when a block limit is reached the next block size will be downloaded into the
counter along with the next DMA address and transfers will continue within the new block. Upon
the next channel ACK, an IRQ will be generated.
Bit 15:
This bit must be set at all times to enable the channel and is not part
of the double buffering process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com