Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
3-1
3. Hardware Interface
3.1
Pin Description
Table 3-1. Pin Description (1 of 6)
Pin Name
Pin No.
I/O
Input
Type
Output
Type
Pin Description
PRTIRQn
U14
I
HU5VT
-
(Hysteresis, Pull up) Interrupt from the external
printing ASIC (active low)
AUXCLK
K20
O
-
2XT3V
Auxiliary clock output for using as the master clock
for external devices
A[11:0]/A[23:12]
A20,B20,B19,B
18,B17,C20,C1
9,C18,C17,D20,
D19,D18
I/O
5VT
3XT5VT
Address bus (12-bit), A[23:12] and A[11:0] are
muxed out through same pins.
ALE
C16
O
-
2XT5VT
Address Latch output signal for latching A[23:12]
externally
AE[2]/GPO[14]/SSTXD2/
ROM_CONFIG[0]
A19
I/O
D5VT
2XT5VT
(Pull down) Address bit for external ROM mux in
the ROM interleave access mode or GPO[14] or
TX data output for SSIF2 (ROM_CONFIG[0] input
during the reset period)
AO[2]/GPO[15]/SSSTAT2/RO
M_CONFIG[1]
A18
I/O
D5VT
2XT5VT
(Pull down) Address bit for external ROM mux in
the ROM interleave access mode or GPO[15] or
Status input for SSIF2 (ROM_CONFIG[1] input
during the reset period)
AE[3]/GPO[16]/
CLK_CONFIG[0]
A17
I/O
D5VT
2XT5VT
(Pull down) Address bit for external ROM mux in
the ROM interleave access mode or GPO[16]
(CLK_CONFIG[0] input during the reset period)
AO[3]/GPO[17]/
CLK_CONFIG[1]
D16
I/O
D5VT
2XT5VT
(Pull down) Address bit for external ROM mux in
the ROM interleave access mode or GPO[17]
(CLK_CONFIG[1] input during the reset period)
D[15:0]
A12,B12,C12,A
13,B13,C13,D1
3,A14,B14,C14,
A15,B15,C15,D
15,A16,B16
I/O
5VT
2XT5VT
Data bus (16-bit)
RDn
D12
O
-
3XT5VT
Read strobe (active low)
WREn/DOEEn
B9
O
-
4XT5VT
Write strobe for the lower byte (active low) or
DRAM output enables selects used for non-
interleave mode and interleave modes. DOEEn is
used for reading the even address bank (active
low).
WROn/DOEOn
C9
O
-
4XT5VT
Write strobe for the higher byte (active low) or
DRAM output enables selects used for non-
interleave mode and interleave modes. DOEOn is
used for reading the odd address bank (active
low).
ROMCSn
D10
O
-
2XT5VT
ROM chip select (active low)
CS[1]n
A9
O
-
2XT5VT
I/O chip select (active low).
CS[0]n
G18
O
3V
2XT3V
SRAM chip select (active low) (VRTC powered)
RASn[1:0]
F19,F18
O
-
2XT3V
DRAM row Address select for bank 0 and 1(active
low) (VDRAM powered)
CASOn[1:0]
E17,F20
O
-
2XT3V
DRAM column odd address selects used for non-
interleave mode and interleave mode. (VDRAM
powered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com